Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMM-1627L-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # VMM-1627L-R
Description  100 Hz ~ 8 kHz Analog Microphone MEMS (Silicon) 1.5 V ~ 3.6 V Noise Cancelling (-31dB) Solder Pads
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

VMM-1627L-R Datasheet(HTML) 1 Page - PUI audio inc.

  VMM-1627L-R Datasheet HTML 1Page - PUI audio inc. VMM-1627L-R Datasheet HTML 2Page - PUI audio inc. VMM-1627L-R Datasheet HTML 3Page - PUI audio inc. VMM-1627L-R Datasheet HTML 4Page - PUI audio inc. VMM-1627L-R Datasheet HTML 5Page - PUI audio inc. VMM-1627L-R Datasheet HTML 6Page - PUI audio inc. VMM-1627L-R Datasheet HTML 7Page - PUI audio inc. VMM-1627L-R Datasheet HTML 8Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2021, PUI Audio Inc.
www.puiaudio.com
Data Sheet
VMM-1627L-R
• Bone Conduction Mems Microphone: Patented surface mount vibration
sensor that gathers signals transmitted through bone to achieve exceptional
noise reduction. Available in 3.5 X 2.6 X 1.5 mm small package. Key
applications include wearable products, such as smart wristbands, TWS
headphones, Mobile phones, Medicine devices, for example heart rate
detection systems.
Specifications
Parameters
Values
Units
Sensitivity Range(1 kHz)
0 dB=1V/Pa
Z Direction
-31 (Min)
-29 (Typical)
-26 (Max)
dB
Operating Voltage Range
1.5 ~ 3.6
VDC
DC output
0.6
V
Max Current consumption
150
µA
Signal to Noise (S/N) Ratio
73
dB (A)
Acceleration
±4
g
THD <1% @ 1KHz
Output Impedance
300
Ω
Air Conduction Noise
Suppression (@ 1kHz)
>40
dB
Noise Density
250 Hz
1 kHz
2 kHz
-94
-101
-101
dBV/ √Hz
Peak Frequency
5
kHz
Environmental Compliances
RoHS/REACH
-
Operating Temperature
-30 ~ +70
°C
Storage Temperature
-30 ~ +85
°C
MSL (moisture sensitivity Level)
Class 1


Similar Part No. - VMM-1627L-R

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
VMM-2D-2.5B MERRIMAC-VMM-2D-2.5B Datasheet
702Kb / 1P
VECTOR I&Q MODULATOR
More results

Similar Description - VMM-1627L-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5510 TI-TLV5510 Datasheet
307Kb / 19P
2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
logo
Infineon Technologies A...
SMM310 INFINEON-SMM310 Datasheet
338Kb / 13P
Silicon MEMS Microphone
V1.1, May 2008
logo
Micronetics, Inc.
SMN7103H-D1C MICRONETICS-SMN7103H-D1C Datasheet
379Kb / 3P
Surface Mount Noise Sources 100 Hz to 500 kHz
logo
Texas Instruments
LMV1051 TI1-LMV1051 Datasheet
187Kb / 6P
Processor for Dual Microphone Adaptive Noise Cancelling with Wind Noise Alert
logo
List of Unclassifed Man...
WM-55D103 ETC2-WM-55D103 Datasheet
80Kb / 1P
Noise Cancelling Back Electret Condenser Microphone Cartridge
logo
Texas Instruments
TLV5510 TI1-TLV5510_05 Datasheet
336Kb / 20P
2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
logo
Cirrus Logic
CS7331 CIRRUS-CS7331 Datasheet
168Kb / 10P
Miniature Bottom Port Analog MEMS Microphone
CS7331P CIRRUS-CS7331P Datasheet
174Kb / 11P
Miniature Bottom Port Analog MEMS Microphone
logo
CUI INC
CMM-2718AB-38108-TR CUI-CMM-2718AB-38108-TR Datasheet
483Kb / 5P
MEMS MICROPHONE
logo
CUI Devices
CMM-2718AB-383161-TR CUID-CMM-2718AB-383161-TR Datasheet
473Kb / 5P
MEMS MICROPHONE
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com