Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVC4M2 Datasheet(PDF) 2 Page - Schneider Electric

Part # XVC4M2
Description  Harmony XVS Sirens and Electronic Alarms
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XVC4M2 Datasheet(HTML) 2 Page - Schneider Electric

  XVC4M2 Datasheet HTML 1Page - Schneider Electric XVC4M2 Datasheet HTML 2Page - Schneider Electric XVC4M2 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Ordering and shipping details
Category
22617 - XVC TOWER LIGHTS
Discount Schedule
XV
GTIN
3606480072819
Nbr. of units in pkg.
1
Package weight(Lbs)
34.64 oz (982 g)
Returnability
No
Country of origin
ID
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
2.68 in (6.8 cm)
Package 1 width
2.68 in (6.8 cm)
Package 1 Length
29.72 in (75.5 cm)
Unit Type of Package 2
BB1
Number of Units in Package 2
10
Package 2 Weight
23.94 lb(US) (10.86 kg)
Package 2 Height
6.69 in (17 cm)
Package 2 width
14.45 in (36.7 cm)
Package 2 Length
30.31 in (77 cm)
Unit Type of Package 3
P06
Number of Units in Package 3
30
Package 3 Weight
76.68 lb(US) (34.78 kg)
Package 3 Height
30.31 in (77 cm)
Package 3 width
31.50 in (80 cm)
Package 3 Length
23.62 in (60 cm)
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and
lead compounds, which is known to the State of California to cause cancer
and birth defects or other reproductive harm. For more information go to
www.P65Warnings.ca.gov
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS Declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End Of Life Information
WEEE
The product must be disposed on European Union markets following specific
waste collection and never end up in rubbish bins.
Contractual warranty
Warranty
18 months



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com