Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVC4M2 Datasheet(PDF) 1 Page - Schneider Electric

Part # XVC4M2
Description  Harmony XVS Sirens and Electronic Alarms
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XVC4M2 Datasheet(HTML) 1 Page - Schneider Electric

  XVC4M2 Datasheet HTML 1Page - Schneider Electric XVC4M2 Datasheet HTML 2Page - Schneider Electric XVC4M2 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Jan 13, 2022
1
Product data sheet
Characteristics
XVC4M2
Harmony XVC, Monolithic precabled tower
light, plastic, red orange, Ø40, tube mounting,
steady, IP23, 100...240 V AC
Main
Range of Product
Harmony XVC4
Product or Component
Type
Complete pre-wired monolithic tower light
Beacon or indicator
bank unit type
2 illuminated units
Sound signalling
Without
Mounting diameter
1.57 in (40 mm)
Component name
XVC
Device short name
XVC
Light source
LED steady red
LED steady orange
Supply circuit type
AC
Complementary
Material
Polycarbonate illuminated unit
ABS (acrylonitrile butadiene-styrene) base unit
PBT + ABS (UL94-V0) top cover
SGP (chromium-plated) support tube
Mounting Location
On support tube, 17 mm
Product mounting
On support tube, 17 mm
[Us] rated supply voltage
100...240 V
[Us] rated supply voltage
100...240 V
Cable cross section
0.00 In² (0.83 mm²)
0.00 in² (0.33 mm²)
AWG gauge
AWG 22
AWG 18
Cable length
17.72 in (450 mm)
Marking
CE
[Uimp] rated impulse withstand voltage
4 kV
Current Consumption
45 mA
Net Weight
1.65 lb(US) (0.75 kg)
Height
23.71 in (602.2 mm)
Environment
Standards
EN/IEC 60947-5-1
EN/IEC 60947-1
Product Certifications
UL
Protective treatment
TC
Ambient Air Temperature for Storage
-31…158 °F (-35…70 °C)
Ambient air temperature for operation
14…122 °F (-10…50 °C)
Electrical shock protection class
Class I EN/IEC 61140
Overvoltage category
Class I EN/IEC 61140
IP degree of protection
IP23 vertical surface installation EN/IEC 60529


Similar Part No. - XVC4M2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVC4M2 SCHNEIDER-XVC4M2 Datasheet
85Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange, 40 mm, tube mounting, steady, without buzzer, IP23, 100...240 V AC
May 24, 2021
More results

Similar Description - XVC4M2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVS10BMW SCHNEIDER-XVS10BMW_V01 Datasheet
106Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 11, 2022
XVS10GMW SCHNEIDER-XVS10GMW_V01 Datasheet
108Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 12, 2022
XVS10MMW SCHNEIDER-XVS10MMW_V01 Datasheet
109Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 13, 2022
XVS72BMBN SCHNEIDER-XVS72BMBN Datasheet
145Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 11, 2022
XVS72BMBP SCHNEIDER-XVS72BMBP Datasheet
144Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 11, 2022
XVS72BMWN SCHNEIDER-XVS72BMWN Datasheet
119Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 11, 2022
XVS72BMWP SCHNEIDER-XVS72BMWP Datasheet
119Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 11, 2022
XVS96BMBN SCHNEIDER-XVS96BMBN Datasheet
148Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 12, 2022
XVS96BMWN SCHNEIDER-XVS96BMWN Datasheet
126Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 11, 2022
XVS96BMWP SCHNEIDER-XVS96BMWP Datasheet
121Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 11, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com