Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVS10BMW Datasheet(PDF) 2 Page - Schneider Electric

Part # XVS10BMW
Description  Harmony XVS Sirens and Electronic Alarms
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XVS10BMW Datasheet(HTML) 2 Page - Schneider Electric

  XVS10BMW Datasheet HTML 1Page - Schneider Electric XVS10BMW Datasheet HTML 2Page - Schneider Electric XVS10BMW Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
5.51 in (14 cm)
Package 1 width
5.51 in (14 cm)
Package 1 Length
7.68 in (19.5 cm)
Unit Type of Package 2
S04
Number of Units in Package 2
8
Package 2 Weight
21.38 lb(US) (9.698 kg)
Package 2 Height
11.81 in (30 cm)
Package 2 width
15.75 in (40 cm)
Package 2 Length
23.62 in (60 cm)
Unit Type of Package 3
P06
Number of Units in Package 3
32
Package 3 Weight
109.77 lb(US) (49.792 kg)
Package 3 Height
30.31 in (77 cm)
Package 3 width
31.50 in (80 cm)
Package 3 Length
23.62 in (60 cm)
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and
lead compounds, which is known to the State of California to cause cancer
and birth defects or other reproductive harm. For more information go to
www.P65Warnings.ca.gov
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS Declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End Of Life Information
Contractual warranty
Warranty
18 months



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com