Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVS10BMW Datasheet(PDF) 1 Page - Schneider Electric

Part # XVS10BMW
Description  Harmony XVS Sirens and Electronic Alarms
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XVS10BMW Datasheet(HTML) 1 Page - Schneider Electric

  XVS10BMW Datasheet HTML 1Page - Schneider Electric XVS10BMW Datasheet HTML 2Page - Schneider Electric XVS10BMW Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Jan 11, 2022
1
Product data sheet
Characteristics
XVS10BMW
Harmony XVS, Multi-sound siren, white colour,
106 dB, 2 tones, 12-24V AC/DC
Main
Range of Product
Harmony XVS
Product or Component
Type
Siren
Device short name
XVS
Color
White
Signalling type
2 tones siren
[Us] rated supply
voltage
12 V AC/DC
24 V AC/DC
Noise level
106 dB continuous or intermittent tone)1 m
Complementary
Material
PC body
Net Weight
1.76 lb(US) (0.8 kg)
Marking
CE
[Uimp] rated impulse withstand voltage
0.8 kV
Current consumption
300 mA 24 V
500 mA
Clamping connection capacity
<= 1 x 1.5 mm²
Electrical connection
Cable 0.26…0.33 in (6.5…8.5 mm)
Width
4.49 in (114 mm)
Height
4.49 in (114 mm)
Depth
6.03 in (153.2 mm)
Environment
Standards
EN/IEC 60947-1
EN/IEC 60947-5-1
Protective treatment
TC
Ambient Air Temperature for Storage
-31…158 °F (-35…70 °C)
Ambient air temperature for operation
-22…122 °F (-30…50 °C)
Electrical shock protection class
Class II EN/IEC 61140
IP degree of protection
IP53
Ordering and shipping details
Category
22617 - XVC TOWER LIGHTS
Discount Schedule
XV
GTIN
3389119045346
Nbr. of units in pkg.
1
Package weight(Lbs)
2.28 lb(US) (1.032 kg)
Returnability
No
Country of origin
ID


Similar Part No. - XVS10BMW

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVS10BMW SCHNEIDER-XVS10BMW Datasheet
111Kb / 3P
Multi-sound Siren 12/24VDC 2 Tones
Aug 11, 2019
More results

Similar Description - XVS10BMW

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVC4M2 SCHNEIDER-XVC4M2_V01 Datasheet
83Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 13, 2022
XVS10GMW SCHNEIDER-XVS10GMW_V01 Datasheet
108Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 12, 2022
XVS10MMW SCHNEIDER-XVS10MMW_V01 Datasheet
109Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 13, 2022
XVS72BMBN SCHNEIDER-XVS72BMBN Datasheet
145Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 11, 2022
XVS72BMBP SCHNEIDER-XVS72BMBP Datasheet
144Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 11, 2022
XVS72BMWN SCHNEIDER-XVS72BMWN Datasheet
119Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 11, 2022
XVS72BMWP SCHNEIDER-XVS72BMWP Datasheet
119Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 11, 2022
XVS96BMBN SCHNEIDER-XVS96BMBN Datasheet
148Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 12, 2022
XVS96BMWN SCHNEIDER-XVS96BMWN Datasheet
126Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 11, 2022
XVS96BMWP SCHNEIDER-XVS96BMWP Datasheet
121Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 11, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com