Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAS Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # RAS
Description  Universal Rack Shelf
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RAS Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  RAS Datasheet HTML 1Page - Hammond Manufacturing Ltd. RAS Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mounting Hardware
Hook and Loop Roll
Universal Rack Shelf RAS Series
Up to 200 lbs (91 kg) Weight Capacity
Features
Constructed of 14 or 16 gauge steel.
Universal design mounts to any standard EIA-compliant rack or cabinet.
Allows easy rack mounting of equipment or items that do not have rack mounting
capabilities.
Mounts to rack rails either as an internal shelf or external shelf/work area.
Available in either vented or solid versions.
Rugged textured RAL9005 black powder paint finish.
TAA-compliant for GSA Schedule purchases.
RoHS and REACH compliant
Manufactured in North America
Accessories
19 Inch Mounting Shelves
Part No.
Part No.
Mounting Dimensions
Rack
Stiffener Lip(s)
Suggested
Vented
Solid (Un-Vented)
Height
Width
Depth
Units
Folded
Load Capacity*
RASV190107UBK1
RASU190107UBK1
1.75
19.30
7.00
1U
Up (Front & Back)
16ga 42 lbs (19 kg)
RASV190107DBK1
RASU190107DBK1
1.75
19.30
7.00
1U
Down (Front & Back)
16ga 42 lbs (19 kg)
RASV190110BK1
RASU190110BK1
1.75
19.30
10.00
1U
Up (Back Only)
16ga 42 lbs (19 kg)
RASV190112BK1
RASU190112BK1
1.75
19.30
12.00
1U
Up (Back Only)
16ga 42 lbs (19 kg)
RASV190115BK1
RASU190115BK1
1.75
19.30
15.00
1U
Up (Back Only)
16ga 42 lbs (19 kg)
RASV190120BK1
RASU190120BK1
1.75
19.30
20.00
1U
Up (Back Only)
16ga 42 lbs (19 kg)
RASV190312BK1
RASU190312BK1
3.50
19.30
12.00
2U
Up (Back Only)
14ga 100 lbs (45 kg)
RASV190315BK1
RASU190315BK1
3.50
19.30
15.00
2U
Up (Back Only)
14ga 100 lbs (45 kg)
RASV190318BK1
RASU190318BK1
3.50
19.30
18.00
2U
Up (Back Only)
14ga 100 lbs (45 kg)
Quality Products. Service Excellence.


Similar Part No. - RAS

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RAS HAMMOND-RAS Datasheet
69Kb / 2P
Tablette en porte-a-faux pour montage sur deux montants
logo
APEM Components, Inc.
RAS + 1D/1K/1P/1S MULTIMEC-RAS + 1D/1K/1P/1S Datasheet
314Kb / 10P
basic switch modules
logo
AG Electronica
RAS-0212 AGELECTRONICA-RAS-0212 Datasheet
621Kb / 5P
HAT DE 4 RELEVADORES PARA RASPBERRY PI
21/03/2024
logo
SUN HOLD ELECTRIC INC
RAS-03-10- SUNHOLD-RAS-03-10- Datasheet
956Kb / 2P
RAS SERIES
RAS-03-10-A SUNHOLD-RAS-03-10-A Datasheet
956Kb / 2P
RAS SERIES
More results

Similar Description - RAS

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
10129126 JDSU-10129126 Datasheet
118Kb / 3P
WaveReady??3500, 5 U Rack-mount Shelf
logo
Bud Industries, Inc.
SA-1748 BUD-SA-1748 Datasheet
71Kb / 1P
RELAY RACK SHELF, HINGED WALL MOUNT BRACKET
logo
Lineage Power Corporati...
CAR2548TN LINEAGEPOWER-CAR2548TN Datasheet
927Kb / 2P
Universal Rack for the CAR2548FP and CAR2548TN
logo
Tripp Lite. All Rights ...
4POSTRAILKIT1U TRIPPLITE-4POSTRAILKIT1U Datasheet
484Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit
logo
Bud Industries, Inc.
SA-1753-BT BUD-SA-1753-BT Datasheet
75Kb / 1P
RELAY RACK SHELF
logo
Tripp Lite. All Rights ...
4POSTRAILKITWM TRIPPLITE-4POSTRAILKITWM Datasheet
165Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit for Wall-Mount Racks
SR16SHELF TRIPPLITE-SR16SHELF Datasheet
175Kb / 2P
3U Rack-Mount Configurable Storage Shelf for Personal Electronics
logo
Schneider Electric
HMIYRMKT2U1 SCHNEIDER-HMIYRMKT2U1 Datasheet
63Kb / 2P
Harmony iPC, Maintenance kit for Rack PC 2U Universal
May 6, 2022
logo
Kendall Howard
1904-1-001-01 KENDALLHOWARD-1904-1-001-01 Datasheet
413Kb / 1P
FULL 20” RACK SHELF
1906-3-300-02 KENDALLHOWARD-1906-3-300-02 Datasheet
505Kb / 1P
2U 2-PIECE TELCO RACK SHELF
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com