Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAS Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # RAS
Description  Universal Rack Shelf
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RAS Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  RAS Datasheet HTML 1Page - Hammond Manufacturing Ltd. RAS Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data subject to change without notice
Part No.
Part No.
Mounting Dimensions
Rack
Stiffener Lip(s)
Suggested
Vented
Solid (Un-Vented)
Height
Width
Depth
Units
Folded
Load Capacity*
RASV190320BK1
RASU190320BK1
3.50
19.30
20.00
2U
Up (Back Only)
14ga 100 lbs (45 kg)
RASV190515BK1
RASU190515BK1
5.25
19.30
15.00
3U
Up (Back Only)
14ga 200 lbs (91 kg)
-
RASU190516BK1
5.25
19.30
16.00
3U
Up (Back Only)
14ga 200 lbs (91 kg)
RASV190520BK1
RASU190520BK1
5.25
19.30
20.00
3U
Up (Back Only)
14ga 200 lbs (91 kg)
-
RASU190522BK1
5.25
19.30
22.00
3U
Up (Back Only)
14ga 200 lbs (91 kg)
-
RASU190524BK1
5.25
19.30
24.00
3U
Up (Back Only)
14ga 200 lbs (91 kg)
RASV190715BK1
RASU190715BK1
7.00
19.30
15.00
4U
Up (Back Only)
14ga 200 lbs (91 kg)
RASV190720BK1
RASU190720BK1
7.00
19.30
20.00
4U
Up (Back Only)
14ga 200 lbs (91 kg)
*This product was tested to double the suggested load rating.
Clearance 19 Inch Shelves (While supplies last)
Part No.
Part No.
Mounting Dimensions
Rack
Stiffener Lip(s)
Suggested
Vented
Solid (Un-Vented)
Height
Width
Depth
Units
Folded
Load Capacity*
RASVL190514BK1
RASUL190514BK1
5.25
19.30
14.50
3U
Up (Back Only)
16ga 65 lbs (30 kg)
0
6
<<< Stock Available as of January 25, 2023
23 Inch Mounting Shelves
Part No.
Part No.
Mounting Dimensions
Rack
Stiffener Lip(s)
Suggested
Vented
Solid
Height
Width
Depth
Units
Folded
Load Capacity
RASV230515BK1
RASU230515BK1
5.25
23.30
15.00
3U
Up (Back Only)
200 lbs (91 kg)
RASV230520BK1
RASU230520BK1
5.25
23.30
20.00
3U
Up (Back Only)
200 lbs (91 kg)
Tested to nearly double the suggested load rating.
Tags: Cantilevered Shelf, 2-Post Shelf, 1 u shelf
© 2023. Hammond Manufacturing Ltd. All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com