Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9773 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC9773
Description  3.3 V 1:12 LVCMOS PLL Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9773 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC9773 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Advanced Clock Drivers Device Data
4
Freescale Semiconductor
MPC9773
Table 3. Output Divider Bank A (NA)
VCO_SEL
FSEL_A1
FSEL_A0
QA[0:3]
0
0
0
VCO
÷ 8
0
0
1
VCO
÷ 12
0
1
0
VCO
÷ 16
0
1
1
VCO
÷ 24
1
0
0
VCO
÷ 4
1
0
1
VCO
÷ 6
1
1
0
VCO
÷ 8
1
1
1
VCO
÷ 12
Table 4. Output Divider Bank B (NB)
VCO_SEL
FSEL_B1
FSEL_B0
QB[0:3]
0
0
0
VCO
÷ 8
0
0
1
VCO
÷ 12
0
1
0
VCO
÷ 16
0
1
1
VCO
÷ 20
1
0
0
VCO
÷ 4
1
0
1
VCO
÷ 6
1
1
0
VCO
÷ 8
1
1
1
VCO
÷ 10
Table 5. Ouput Divider Bank C (NC)
VCO_SEL
FSEL_C1
FSEL_C0
QC[0:3]
0
0
0
VCO
÷ 4
0
0
1
VCO
÷ 8
0
1
0
VCO
÷ 12
0
1
1
VCO
÷ 16
1
0
0
VCO
÷ 2
1
0
1
VCO
÷ 4
1
1
0
VCO
÷ 6
1
1
1
VCO
÷ 8
Table 6. Output Divider PLL Feedback (M)
VCO_SEL
FSEL_FB2
FSEL_FB1
FSEL_FB0
QFB
0
0
0
0
VCO
÷ 8
0
0
0
1
VCO
÷ 12
0
0
1
0
VCO
÷ 16
0
0
1
1
VCO
÷ 20
0
1
0
0
VCO
÷ 16
0
1
0
1
VCO
÷ 24
0
1
1
0
VCO
÷ 32
0
1
1
1
VCO
÷ 40
1
0
0
0
VCO
÷ 4
1
0
0
1
VCO
÷ 6
1
0
1
0
VCO
÷ 8
1
0
1
1
VCO
÷ 10
1
1
0
0
VCO
÷ 8
1
1
0
1
VCO
÷ 12
1
1
1
0
VCO
÷ 16
1
1
1
1
VCO
÷ 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com