Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9773 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC9773
Description  3.3 V 1:12 LVCMOS PLL Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9773 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC9773 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MPC9773
Rev 5, 08/2005
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005. All rights reserved.
3.3 V 1:12 LVCMOS PLL Clock
Generator
The MPC9773 is a 3.3 V compatible, 1:12 PLL based clock generator targeted
for high-performance low-skew clock distribution in mid-range to high-
performance networking, computing, and telecom applications. With output
frequencies up to 240 MHz and output skews less than 250 ps the device meets
the needs of the most demanding clock applications.
Features
•
1:12 PLL based low-voltage clock generator
•
3.3 V power supply
•
Internal power-on reset
•
Generates clock signals up to 242.5 MHz
•
Maximum output skew of 250 ps
•
Differential PECL reference clock input
•
Two LVCMOS PLL reference clock inputs
•
External PLL feedback supports zero-delay capability
•
Various feedback and output dividers (refer to Application Section)
•
Supports up to three individual generated output clock frequencies
•
Synchronous output clock stop circuitry for each individual output for power
down support
•
Drives up to 24 clock lines
•
Ambient temperature range -40
°C to +85°C
•
Pin and function compatible to the MPC973
•
52-lead Pb-free package available
Functional Description
The MPC9773 utilizes PLL technology to frequency lock its outputs onto an input reference clock. Normal operation of the
MPC9773 requires the connection of the PLL feedback output QFB to feedback input FB_IN to close the PLL feedback path. The
reference clock frequency and the divider for the feedback path determine the VCO frequency. Both must be selected to match
the VCO frequency range. The MPC9773 features an extensive level of frequency programmability between the 12 outputs as
well as the output to input relationships, for instance 1:1, 2:1, 3:1, 3:2, 4:1, 4:3, 5:1, 5:2, 5:3, 5:4, 5:6, 6:1, 8:1 and 8:3.
The QSYNC output will indicate when the coincident rising edges of the above relationships will occur. The selectability of the
feedback frequency is independent of the output frequencies. This allows for very flexible programming of the input reference
versus output frequency relationship. The output frequencies can be either odd or even multiples of the input reference. In addi-
tion, the output frequency can be less than the input frequency for applications where a frequency needs to be reduced by a non-
binary factor. The MPC9773 also supports the 180
° phase shift of one of its output banks with respect to the other output banks.
The QSYNC outputs reflect the phase relationship between the QA and QC outputs and can be used for the generation of system
baseline timing signals.
The REF_SEL pin selects the LVPECL or the LVCMOS compatible inputs as the reference clock signal. Two alternative
LVCMOS compatible clock inputs are provided for clock redundancy support. The PLL_EN control selects the PLL bypass con-
figuration for test and diagnosis. In this configuration, the selected input reference clock is routed directly to the output dividers,
bypassing the PLL. The PLL bypass is fully static and the minimum clock frequency specification and all other PLL characteristics
do not apply.
The outputs can be individually disabled (stopped in logic low state) by programming the serial CLOCK_STOP interface of the
MPC9773. The MPC9773 has an internal power-on reset.
The MPC9773 is fully 3.3 V compatible and requires no external loop filter components. All inputs (except PCLK) accept
LVCMOS signals while the outputs provide LVCMOS compatible levels with the capability to drive terminated 50
Ω transmission
lines. For series terminated transmission lines, each of the MPC9773 outputs can drive one or two traces, giving the devices an
effective fanout of 1:24. The device is pin and function compatible to the MPC973 and is packaged in a 52-lead LQFP package.
AE SUFFIX
52-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 848D-03
FA SUFFIX
52-LEAD LQFP PACKAGE
CASE 848D-03
MPC9773
3.3 V 1:12 LVCMOS
PLL CLOCK GENERATOR


Similar Part No. - MPC9773

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC9773 RENESAS-MPC9773 Datasheet
557Kb / 22P
3.3 V 1:12 LVCMOS PLL Clock Generator
2019
More results

Similar Description - MPC9773

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
3.3V 1:12 LVCMOS PLL Clock Generator
MPC9331 MOTOROLA-MPC9331 Datasheet
321Kb / 12P
3.3 V 1:6 LVCMOS PLL Clock Generator
logo
Exar Corporation
XRK697H73 EXAR-XRK697H73 Datasheet
279Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
XRK69772 EXAR-XRK69772 Datasheet
283Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
XRK69773 EXAR-XRK69773 Datasheet
289Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
logo
Renesas Technology Corp
MPC9331 RENESAS-MPC9331 Datasheet
428Kb / 14P
3.3 V 1:6 LVCMOS PLL Clock Generator
2019
MPC9653 RENESAS-MPC9653 Datasheet
788Kb / 13P
3.3 V 1:8 LVCMOS PLL Clock Generator
2019
MPC9653A RENESAS-MPC9653A Datasheet
690Kb / 13P
3.3 V 1:8 LVCMOS PLL Clock Generator
2019
MPC9773 RENESAS-MPC9773 Datasheet
557Kb / 22P
3.3 V 1:12 LVCMOS PLL Clock Generator
2019
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
3.3V 1:12 LVCMOS PLL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com