Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9773 Datasheet (PDF) - Renesas Technology Corp

MPC9773 Datasheet PDF - Renesas Technology Corp
Part # MPC9773
Download  MPC9773 Download
File Size   557.87 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 V 1:12 LVCMOS PLL Clock Generator

MPC9773 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9773 Datasheet PDF - Renesas Technology Corp

Part # MPC9773
Download  MPC9773 Click to download

File Size   557.87 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 V 1:12 LVCMOS PLL Clock Generator

MPC9773 Datasheet (HTML) - Renesas Technology Corp


MPC9773 Product details

Features
• 1:12 PLL based low-voltage clock generator
• 3.3 V power supply
• Internal power-on reset
• Generates clock signals up to 242.5 MHz
• Maximum output skew of 250 ps
• Differential PECL reference clock input
• Two LVCMOS PLL reference clock inputs
• External PLL feedback supports zero-delay capability
• Various feedback and output dividers (refer to Application Section)
• Supports up to three individual generated output clock frequencies
• Synchronous output clock stop circuitry for each individual output for power
down support
• Drives up to 24 clock lines
• Ambient temperature range -40C to +85C
• Pin and function compatible to the MPC973
• 52-lead Pb-free package
• Use drop in replacement part 87973I




Similar Part No. - MPC9773

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC9773 FREESCALE-MPC9773 Datasheet
490Kb / 19P
3.3 V 1:12 LVCMOS PLL Clock Generator
MPC9773AE FREESCALE-MPC9773AE Datasheet
490Kb / 19P
3.3 V 1:12 LVCMOS PLL Clock Generator
MPC9773FA FREESCALE-MPC9773FA Datasheet
490Kb / 19P
3.3 V 1:12 LVCMOS PLL Clock Generator
More results


Similar Description - MPC9773

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
3.3V 1:12 LVCMOS PLL Clock Generator
MPC9331 MOTOROLA-MPC9331 Datasheet
321Kb / 12P
3.3 V 1:6 LVCMOS PLL Clock Generator
logo
Exar Corporation
XRK697H73 EXAR-XRK697H73 Datasheet
279Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
XRK69772 EXAR-XRK69772 Datasheet
283Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
XRK69773 EXAR-XRK69773 Datasheet
289Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
logo
Freescale Semiconductor...
MPC9773 FREESCALE-MPC9773 Datasheet
490Kb / 19P
3.3 V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9331 RENESAS-MPC9331 Datasheet
428Kb / 14P
3.3 V 1:6 LVCMOS PLL Clock Generator
2019
MPC9653 RENESAS-MPC9653 Datasheet
788Kb / 13P
3.3 V 1:8 LVCMOS PLL Clock Generator
2019
MPC9653A RENESAS-MPC9653A Datasheet
690Kb / 13P
3.3 V 1:8 LVCMOS PLL Clock Generator
2019
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
3.3V 1:12 LVCMOS PLL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com