Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9331 Datasheet (PDF) - Renesas Technology Corp

MPC9331 Datasheet PDF - Renesas Technology Corp
Part # MPC9331
Download  MPC9331 Download
File Size   428.31 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 V 1:6 LVCMOS PLL Clock Generator

MPC9331 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9331 Datasheet PDF - Renesas Technology Corp

Part # MPC9331
Download  MPC9331 Click to download

File Size   428.31 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 V 1:6 LVCMOS PLL Clock Generator

MPC9331 Datasheet (HTML) - Renesas Technology Corp


MPC9331 Product details

The MPC9331 is a 3.3 V compatible, 1:6 PLL based clock generator targeted
for high performance low-skew clock distribution in mid-range to high-performance
telecom, networking, and computing applications. With output frequencies up to
240 MHz and output skews less than 150 ps, the device meets the needs of most
the demanding clock applications. The MPC9331 is specified for the temperature
range of 0°C to +70°C.
Features
• 1:6 PLL Based Low-Voltage Clock Generator
• 3.3 V Power Supply
• Generates Clock Signals up to 240 MHz
• Maximum Output Skew of 150 ps
• Differential LVPECL Reference Clock Input
• Alternative LVCMOS PLL Reference Clock Input
• Internal and External PLL Feedback
• Supports Zero-Delay Operation in External Feedback Mode
• PLL Multiplies the Reference Clock by 4x, 3x, 2x, 1x, 4/3x, 3/2x, 2/3x, x/2, x/3
or x/4
• Synchronous Output Clock Stop in Logic Low Eliminates Output Runt Pulses
• Power_Down Feature Reduces Output Clock Frequency
• Drives Up to 12 Clock Lines
• 32-Lead LQFP Packaging
• 32-Lead Pb-Free Package Available
• Ambient Temperature Range 0°C to +70°C
• Internal Power-Up Reset
• Pin and Function Compatible to the MPC931




Similar Part No. - MPC9331

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9331 MOTOROLA-MPC9331 Datasheet
321Kb / 12P
3.3 V 1:6 LVCMOS PLL Clock Generator
More results


Similar Description - MPC9331

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9330 MOTOROLA-MPC9330 Datasheet
225Kb / 16P
3.3V / 2.5V 1:6 LVCMOS PLL CLOCK GENERATOR
MPC9331 MOTOROLA-MPC9331 Datasheet
321Kb / 12P
3.3 V 1:6 LVCMOS PLL Clock Generator
logo
Exar Corporation
XRK697H73 EXAR-XRK697H73 Datasheet
279Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
XRK69772 EXAR-XRK69772 Datasheet
283Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
XRK69774 EXAR-XRK69774 Datasheet
252Kb / 11P
1:14 LVCMOS PLL CLOCK GENERATOR
logo
Freescale Semiconductor...
MPC9773 FREESCALE-MPC9773 Datasheet
490Kb / 19P
3.3 V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
MPC9653 RENESAS-MPC9653 Datasheet
788Kb / 13P
3.3 V 1:8 LVCMOS PLL Clock Generator
2019
MPC9653A RENESAS-MPC9653A Datasheet
690Kb / 13P
3.3 V 1:8 LVCMOS PLL Clock Generator
2019
MPC9773 RENESAS-MPC9773 Datasheet
557Kb / 22P
3.3 V 1:12 LVCMOS PLL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com