Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9653A Datasheet (PDF) - Renesas Technology Corp

MPC9653A Datasheet PDF - Renesas Technology Corp
Part # MPC9653A
Download  MPC9653A Download
File Size   690.42 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 V 1:8 LVCMOS PLL Clock Generator

MPC9653A Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9653A Datasheet PDF - Renesas Technology Corp

Part # MPC9653A
Download  MPC9653A Click to download

File Size   690.42 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 V 1:8 LVCMOS PLL Clock Generator

MPC9653A Datasheet (HTML) - Renesas Technology Corp


MPC9653A Product details

The MPC9653A is a 3.3 V compatible, 1:8 PLL based clock generator and
zero-delay buffer targeted for high performance low-skew clock distribution in
mid-range to high-performance telecom, networking and computing applications.
With output frequencies up to 125 MHz and output skews less than 150 ps the
device meets the needs of the most demanding clock applications.
Features
• 1:8 PLL based low-voltage clock generator
• Supports zero-delay operation
• 3.3 V power supply
• Generates clock signals up to 125 MHz
• PLL guaranteed to lock down to 145 MHz, output frequency = 36.25 MHz
• Maximum output skew of 150 ps
• Differential LVPECL reference clock input
• External PLL feedback
• Drives up to 16 clock lines
• 32-lead LQFP packaging
• 32-lead Pb-free Package Available
• Ambient temperature range 0C to +70C
• Pin and function compatible to the MPC953 and MPC9653
• NRND – Not Recommend for New Designs




Similar Part No. - MPC9653A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9653 MOTOROLA-MPC9653 Datasheet
292Kb / 12P
3.3V 1:8 LVCMOS PLL CLOCK GENERATOR
logo
Renesas Technology Corp
MPC9653 RENESAS-MPC9653 Datasheet
788Kb / 13P
3.3 V 1:8 LVCMOS PLL Clock Generator
2019
More results


Similar Description - MPC9653A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9653 MOTOROLA-MPC9653 Datasheet
292Kb / 12P
3.3V 1:8 LVCMOS PLL CLOCK GENERATOR
MPC9331 MOTOROLA-MPC9331 Datasheet
321Kb / 12P
3.3 V 1:6 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9653A ALSC-ASM5I9653A Datasheet
648Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
logo
Exar Corporation
XRK697H73 EXAR-XRK697H73 Datasheet
279Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
XRK69772 EXAR-XRK69772 Datasheet
283Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
logo
Freescale Semiconductor...
MPC9773 FREESCALE-MPC9773 Datasheet
490Kb / 19P
3.3 V 1:12 LVCMOS PLL Clock Generator
logo
PulseCore Semiconductor
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9331 RENESAS-MPC9331 Datasheet
428Kb / 14P
3.3 V 1:6 LVCMOS PLL Clock Generator
2019
MPC9653 RENESAS-MPC9653 Datasheet
788Kb / 13P
3.3 V 1:8 LVCMOS PLL Clock Generator
2019
MPC9773 RENESAS-MPC9773 Datasheet
557Kb / 22P
3.3 V 1:12 LVCMOS PLL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com