Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9331 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # MPC9331
Description  3.3 V 1:6 LVCMOS PLL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9331 Datasheet(HTML) 3 Page - Renesas Technology Corp

  MPC9331 Datasheet HTML 1Page - Renesas Technology Corp MPC9331 Datasheet HTML 2Page - Renesas Technology Corp MPC9331 Datasheet HTML 3Page - Renesas Technology Corp MPC9331 Datasheet HTML 4Page - Renesas Technology Corp MPC9331 Datasheet HTML 5Page - Renesas Technology Corp MPC9331 Datasheet HTML 6Page - Renesas Technology Corp MPC9331 Datasheet HTML 7Page - Renesas Technology Corp MPC9331 Datasheet HTML 8Page - Renesas Technology Corp MPC9331 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MPC9331 REVISION 7 March 11, 2016
3
©2016 Integrated Device Technology, Inc.
MPC9331 Data Sheet
3.3 V 1:6 LVCMOS PLL CLOCK GENERATOR
Figure 2. MPC9331 32-Lead Package Pinout (Top View)
Table 1. Pin Configuration
Pin
I/O
Type
Function
CCLK
Input
LVCMOS
PLL reference clock signal
PCLK, PCLK
Input
LVPECL
Differential PECL reference clock signal
FB_IN
Input
LVCMOS
PLL feedback signal input, connect to an output
FB_SEL
Input
LVCMOS
Feedback select
REF_SEL
Input
LVCMOS
Reference clock select
PWR_DN
Input
LVCMOS
Output frequency and power down select
FSELA
Input
LVCMOS
Frequency divider select for bank A outputs
FSELB
Input
LVCMOS
Frequency divider select for bank B outputs
FSELC
Input
LVCMOS
Frequency divider select for bank C outputs
PLL_EN
Input
LVCMOS
PLL enable/disable
CLK_STOP0-1
Input
LVCMOS
Clock output enable/disable
OE/MR
Input
LVCMOS
Output enable/disable (high-impedance tristate) and device reset
QA0-1, QB0-1, QC0-1
Output
LVCMOS
Clock outputs
GND
Supply
Ground
Negative power supply (GND)
VCC_PLL
Supply
VCC
PLL positive power supply (analog power supply). It is recommended to use external RC filter
for the analog power supply pin VCC_PLL. Please see applications section for details.
VCC
Supply
VCC
Positive power supply for I/O and core. All VCC pins must be connected to the positive power
supply for correct operation
GND
QA1
QA0
V
CC
FSELA
FSELB
FSELC
GND
QC1
QC0
V
CC
FB_IN
CLK_STOP1
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12
3
4
5
6
78
24
23
22
21
20
19
18
17
16
MPC9331
NC
CLK_STOP0
NC
It is recommended to use an external RC filter for the analog VCC_PLL power supply pin. Please see Applications Information section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com