Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9331 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # MPC9331
Description  3.3 V 1:6 LVCMOS PLL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9331 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button MPC9331 Datasheet HTML 4Page - Renesas Technology Corp MPC9331 Datasheet HTML 5Page - Renesas Technology Corp MPC9331 Datasheet HTML 6Page - Renesas Technology Corp MPC9331 Datasheet HTML 7Page - Renesas Technology Corp MPC9331 Datasheet HTML 8Page - Renesas Technology Corp MPC9331 Datasheet HTML 9Page - Renesas Technology Corp MPC9331 Datasheet HTML 10Page - Renesas Technology Corp MPC9331 Datasheet HTML 11Page - Renesas Technology Corp MPC9331 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MPC9331 REVISION 7 March 11, 2016
8
©2016 Integrated Device Technology, Inc.
MPC9331 Data Sheet
3.3 V 1:6 LVCMOS PLL CLOCK GENERATOR
Table 8. MPC9331 Example Configurations (Internal Feedback: FB_SEL = 0)
fref(1) [MHz]
1. fref is the input clock reference frequency (CCLK or PCLK).
PWR_DN
FSELA
FSELB
FSELC
QA[0:1]:fref ratio
QB[0:1]:fref ratio
QC[0:1]:fref ratio
25.0 – 60.0
0
0
0
0
fref
 4
(100-240 MHz) fref
 4
(100-240 MHz) fref
 2
(50-120 MHz)
0
0
0
1
fref
 4
(100-240 MHz) fref
 4
(100-240 MHz) fref
43
(33.3-80 MHz)
0
0
1
0
fref
 4
(100-240 MHz) fref
 2
(50-120 MHz) fref
 2
(50-120 MHz)
0
0
1
1
fref
 4
(100-240 MHz) fref
 2
(50-120 MHz) fref
43
(33.3-80 MHz)
0
1
0
0
fref
 2
(50-120 MHz) fref
 4
(100-240 MHz) fref
 2
(50-120 MHz)
0
1
0
1
fref
 2
(50-120 MHz) fref
 4
(100-240 MHz) fref
43
(33.3-80 MHz)
0
1
1
0
fref
 2
(50-120 MHz) fref
 2
(50-120 MHz) fref
 2
(50-120 MHz)
0
1
1
1
fref
 2
(50-120 MHz) fref
 2
(50-120 MHz) fref
43
(33.3-80 MHz)
1
0
0
0
fref
 2
(50-120 MHz) fref
 2
(50-120 MHz) fref
(25.0-60 MHz)
1
0
0
1
fref
 2
(50-120 MHz) fref
 2
(50-120 MHz) fref
23
(16.67-40 MHz)
1
0
1
0
fref
 2
(50-120 MHz) fref
(25.0-60 MHz) fref
(25.0-60 MHz)
1
0
1
1
fref
 2
(50-120 MHz) fref
(25.0-60 MHz) fref
23
(16.67-40 MHz)
1
1
0
0
fref
(25.0-60 MHz) fref
 2
(50-120 MHz) fref
(25.0-60 MHz)
1
1
0
1
fref
(25.0-60 MHz) fref
 2
(50-120 MHz) fref
23
(16.67-40 MHz)
1
1
1
0
fref
(25.0-60 MHz) fref
(25.0-60 MHz) fref
(25.0-60 MHz)
1
1
1
1
fref
(25.0-60 MHz) fref
(25.0-60 MHz) fref
23
(16.67-40 MHz)
Table 9. MPC9331 Example Configurations (External Feedback and PWR_DN = 0)
PLL
Feedback
fref(1)
[MHz]
1. fref is the input clock reference frequency (CCLK or PCLK).
FSELA FSELB FSELC
QA[0:1]:fref ratio
QB[0:1]:fref ratio
QC[0:1]:fref ratio
VCO
 2(2)
2. QAx connected to FB_IN and FSELA=0, PWR_DN=0.
100 – 240
0
0
0
fref
(100-240 MHz) fref
(100-240 MHz) fref
 2
(50-120 MHz)
0
0
1
fref
(100-240 MHz) fref
(100-240 MHz) fref
 3
(33.3-80 MHz)
0
1
0
fref
(100-240 MHz) fref
 2
(50-120 MHz) fref
 2
(50-120 MHz)
0
1
1
fref
(100-240 MHz) fref
 2
(50-120 MHz) fref
 3
(33.3-80 MHz)
VCO
 4(3)
3. QAx connected to FB_IN and FSELA=1, PWR_DN=0.
50 –120
1
0
0
fref
(50-120 MHz) fref
2
(100-240 MHz) fref
(50-120 MHz)
1
0
1
fref
(50-120 MHz) fref
2
(100-240 MHz) fref
23
(33.3-80 MHz)
1
1
0
fref
(50-120 MHz) fref
(100-240 MHz) fref
(50-120 MHz)
1
1
1
fref
(50-120 MHz) fref
(100-240 MHz) fref
2  3
(33.3-80 MHz)
VCO
 6(4)
4. QCx connected to FB_IN and FSELC=1, PWR_DN=0.
33.3 – 80
0
0
1
fref
3
(100-240 MHz) fref
3
(100-240 MHz) fref
(33.3-80 MHz)
0
1
1
fref
3
(100-240 MHz) fref
3  2
(50-120 MHz) fref
(33.3-80 MHz)
1
0
1
fref
3  2 (50-120 MHz) fref 3
(100-240 MHz) fref
(33.3-80 MHz)
1
1
1
fref
3  2 (50-120 MHz) fref 3  2
(50-120 MHz) fref
(33.3-80 MHz)
Table 10. MPC9331 Example Configurations (External Feedback and PWR_DN = 1)
PLL
Feedback
fref(1)
[MHz]
FSELA
FSELB
FSELC
QA[0:1]:fref ratio
QB[0:1]:fref ratio
QC[0:1]:fref ratio
VCO
 8(2)
25.0 – 60.0
1
0
0
fref
25-60 MHz) fref
2
(50-120 MHz)
fref
(2.25-60 MHz)
101
fref
(25-60 MHz) fref
2
(50-120 MHz)
fref
23
(16.6-40 MHz)
110
fref
(25-60 MHz) fref
(25-60 MHz)
fref
(25-60 MHz)
111
fref
(25-60 MHz) fref
(25-60 MHz)
fref
23
(16.6-40 MHz)
VCO
 12(3) 16.67 – 40
0
0
1
fref
3
(50-120 MHz) fref
3
(50-120 MHz)
fref
(16.67-40 MHz)
011
fref
3
(50-120 MHz) fref
3  2 (25-60 MHz) fref
(16.67-40 MHz)
101
fref
3  2 (25-60 MHz) fref 3
(50-120 MHz)
fref
(16.67-40 MHz)
111
fref
3  2 (25-60 MHz) fref 3  2 (25-60 MHz) fref
(16.67-40 MHz)
1. fref is the input clock reference frequency (CCLK or PCLK).
2. QAx connected to FB_IN and FSELA=1, PWR_DN=1.
3. QCx connected to FB_IN and FSELC=1, PWR_DN=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com