Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9331 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # MPC9331
Description  3.3 V 1:6 LVCMOS PLL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9331 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button MPC9331 Datasheet HTML 3Page - Renesas Technology Corp MPC9331 Datasheet HTML 4Page - Renesas Technology Corp MPC9331 Datasheet HTML 5Page - Renesas Technology Corp MPC9331 Datasheet HTML 6Page - Renesas Technology Corp MPC9331 Datasheet HTML 7Page - Renesas Technology Corp MPC9331 Datasheet HTML 8Page - Renesas Technology Corp MPC9331 Datasheet HTML 9Page - Renesas Technology Corp MPC9331 Datasheet HTML 10Page - Renesas Technology Corp MPC9331 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MPC9331 REVISION 7 March 11, 2016
7
©2016 Integrated Device Technology, Inc.
MPC9331 Data Sheet
3.3 V 1:6 LVCMOS PLL CLOCK GENERATOR
APPLICATIONS INFORMATION
Output Power Down (PWR_DN) Timing Diagram
Output Clock Stop (CLK_STOP) Timing Diagram
Programming the MPC9331
The MPC9331 supports output clock frequencies from
16.67 to 240 MHz. Different feedback and output divider
configurations can be used to achieve the desired input to
output frequency relationship. The feedback frequency and
divider should be used to situate the VCO in the frequency
lock range between 200 and 480 MHz for stable and optimal
operation. The FSELA, FSELB, FSELC and PWR_DN pins
select the desired output clock frequencies. Possible
frequency ratios of the reference clock input to the outputs
are 4:1, 3:1, 2:1, 1:1, 1:2, 2:3 and 3:2. Table 8 illustrates the
various output configurations and frequency ratios supported
by the MPC9331. See also Table 9 and Table 10 for further
reference.
VCO
2
VCO
4
PWR_DWN
QAx (
2)
QBx (
4)
QCx (
6)
QAx (
2)
QBx (
4)
QCx (
6)
CLK_STOP0
CLK_STOP1
QAx (
2)
QBx (
4)
QCx (
6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com