Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9331 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # MPC9331
Description  3.3 V 1:6 LVCMOS PLL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9331 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button MPC9331 Datasheet HTML 6Page - Renesas Technology Corp MPC9331 Datasheet HTML 7Page - Renesas Technology Corp MPC9331 Datasheet HTML 8Page - Renesas Technology Corp MPC9331 Datasheet HTML 9Page - Renesas Technology Corp MPC9331 Datasheet HTML 10Page - Renesas Technology Corp MPC9331 Datasheet HTML 11Page - Renesas Technology Corp MPC9331 Datasheet HTML 12Page - Renesas Technology Corp MPC9331 Datasheet HTML 13Page - Renesas Technology Corp MPC9331 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MPC9331 REVISION 7 March 11, 2016
11
©2016 Integrated Device Technology, Inc.
MPC9331 Data Sheet
3.3 V 1:6 LVCMOS PLL CLOCK GENERATOR
Figure 8. Output-to-Output Skew tSK(O)
Figure 9. Propagation Delay (t(), Static Phase offset)
Test Reference
Figure 10. Output Duty Cycle (DC)
Figure 11. I/O Jitter
TJIT(ý) = |T0–T1mean|
CCLK
FB_IN
The deviation in t0 for a controlled edge with respect to a t0 mean
in a random sample of cycles
VCC
VCC 2
GND
VCC
VCC 2
GND
t()
CCLK
FB_IN
The pin-to-pin skew is defined as the worst case difference
in propagation delay between any similar delay path within a
single device
VCC
VCC 2
GND
VCC
VCC 2
GND
tSK(O)
The time from the PLL controlled edge to the non controlled
edge, divided by the time between PLL controlled edges,
expressed as a percentage
VCC
VCC 2
GND
tP
T0
DC = tP/T0 x 100%
Figure 12. Cycle-to-Cycle Jitter
Figure 13. Period Jitter
Figure 14. Output Transition Time Test Reference
tF
tR
VCC=3.3 V
2.4
0.55
The variation in cycle time of a signal between adjacent cycles,
over a random sample of adjacent cycle pairs
TN
TJIT(CC) = |TN–TN+1|
TN+1
The deviation in cycle time of a signal with respect to the ideal
period over a random sample of cycles
TJIT(PER) = |TN–1/f0|
T0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com