Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9331 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # MPC9331
Description  3.3 V 1:6 LVCMOS PLL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9331 Datasheet(HTML) 4 Page - Renesas Technology Corp

  MPC9331 Datasheet HTML 1Page - Renesas Technology Corp MPC9331 Datasheet HTML 2Page - Renesas Technology Corp MPC9331 Datasheet HTML 3Page - Renesas Technology Corp MPC9331 Datasheet HTML 4Page - Renesas Technology Corp MPC9331 Datasheet HTML 5Page - Renesas Technology Corp MPC9331 Datasheet HTML 6Page - Renesas Technology Corp MPC9331 Datasheet HTML 7Page - Renesas Technology Corp MPC9331 Datasheet HTML 8Page - Renesas Technology Corp MPC9331 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MPC9331 REVISION 7 March 11, 2016
4
©2016 Integrated Device Technology, Inc.
MPC9331 Data Sheet
3.3 V 1:6 LVCMOS PLL CLOCK GENERATOR
Table 2. Function Table
Control
Default
0
1
REF_SEL
0
PCLK is the PLL reference clock
CCLK is the PLL reference clock
FB_SEL
1
Internal PLL feedback of 8. fVCO = 8 * fref
External feedback. Zero-delay operation
enabled for CCLK or PCLK as reference
clock
PLL_EN
1
Test mode with PLL disabled. The reference clock is
substituted for the internal VCO output. MPC9331 is fully static
and no minimum frequency limit applies. All PLL related AC
characteristics are not applicable.
Normal operation mode with PLL enabled.
PWR_DN
1
VCO
 1 (High output frequency range)
VCO
 2 (Low output frequency range)
FSELA
0
Output divider
 2
Output divider
 4
FSELB
0
Output divider
 2
Output divider
 4
FSELC
0
Output divider
 4
Output divider
 6
OE/MR
1
Outputs disabled (high-impedance state) and reset of the
device. During reset in external feedback configuration, the
PLL feedback loop is open. The VCO is tied to its lowest
frequency. The MPC9331 requires reset after any loss of PLL
lock. Loss of PLL lock may occur when the external feedback
path is interrupted. The length of the reset pulse should be
greater than one reference clock cycle (CCLK or PCLK). Reset
does not affect PLL lock in internal feedback configuration.
Outputs enabled (active)
CLK_STOP[0:1]
11
See Table 3
PWR_DN, FSELA, FSELB and FSELC control the operating PLL frequency range and input/output frequency ratios.
See Table 8 through Table 10 for supported frequency ranges and output to input frequency ratios.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com