Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9773 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # MPC9773
Description  3.3 V 1:12 LVCMOS PLL Clock Generator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9773 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button MPC9773 Datasheet HTML 5Page - Renesas Technology Corp MPC9773 Datasheet HTML 6Page - Renesas Technology Corp MPC9773 Datasheet HTML 7Page - Renesas Technology Corp MPC9773 Datasheet HTML 8Page - Renesas Technology Corp MPC9773 Datasheet HTML 9Page - Renesas Technology Corp MPC9773 Datasheet HTML 10Page - Renesas Technology Corp MPC9773 Datasheet HTML 11Page - Renesas Technology Corp MPC9773 Datasheet HTML 12Page - Renesas Technology Corp MPC9773 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
MPC9773 REVISION 6 MARCH 16, 2016
9
©2016 Integrated Device Technology, Inc.
MPC9773 Data Sheet
3.3 V 1:12 LVCMOS PLL CLOCK GENERATOR
APPLICATIONS INFORMATION
MPC9773 Configurations
Configuring the MPC9773 amounts to properly configuring
the internal dividers to produce the desired output
frequencies. The output frequency can be represented by
this formula:
where fREF is the reference frequency of the selected input
clock source (CCLKO, CCLK1 or PCLK), M is the PLL
feedback divider and N is an output divider. The PLL
feedback divider is configured by the FSEL_FB[2:0] and the
output dividers are individually configured for each output
bank by the FSEL_A[1:0], FSEL_B[1:0] and FSEL_C[1:0]
inputs.
The reference frequency fREF and the selection of the
feedback-divider M is limited by the specified VCO frequency
range. fREF and M must be configured to match the VCO
frequency range of 200 to 480 MHz in order to achieve stable
PLL operation:
fVCO,MIN  (fREF  VCO_SEL  M)  fVCO,MAX
The PLL post-divider VCO_SEL is either a divide-by-one
or a divide-by-two and can be used to situate the VCO into
the specified frequency range. This divider is controlled by
the VCO_SEL pin. VCO_SEL effectively extends the usable
input frequency range while it has no effect on the output to
reference frequency ratio.
The output frequency for each bank can be derived from
the VCO frequency and output divider:
fQA[0:3] = fVCO  (VCO_SEL  NA)
fQB[0:3] = fVCO  (VCO_SEL  NB)
fQC[0:3] = fVCO  (VCO_SEL  NC)
Table 11 shows the various PLL feedback and output
dividers, and Figure 3 and Figure 4 display example
configurations for the MPC9773.
Figure 3. Example Configuration
Figure 4. Example Configuration
VCO_SEL
M
N
fREF
fOUT
fOUT = fREF  M  N
PLL
Table 11. MPC9773 Divider
Divider
Function
VCO_SEL
Values
M
PLL Feedback
FSEL_FB[0:3]
1
4, 6, 8, 10, 12, 16
2
8, 12, 16, 20, 24, 32, 40
NA
Bank A Output
Divider FSEL_A[0:1]
1
4, 6, 8, 12
2
8, 12, 16, 24
NB
Bank B Output
Divider FSEL_B[0:1]
1
4, 6, 8, 10
2
8, 12, 16, 20
NC
Bank C Output
Divider FSEL_C[0:1]
1
2, 4, 6, 8
2
4, 8, 12, 16
MPC9773
fREF = 33.3 MHz
33.3 MHz
100 MHz
33.3 MHz (Feedback)
200 MHz
CCLK0
VCO_SEL
FSEL_A[1:0]
FSEL_B[1:0]
FSEL_C[1:0]
FSEL_FB[2:0]
QA[3:0]
QB[3:0]
QC[3:0]
QFB
CCLK1
CCLK_SEL
FB_IN
1
11
00
00
101
MPC9773 example configuration (feedback of
QFB = 33.3 MHz, fVCO = 400 MHz, VCO_SEL = 1,
M = 12, NA = 12, NB = 4, NC = 2).
Frequency Range
Min
Max
Input
16.6 MHz
40 MHz
QA outputs
16.6 MHz
40 MHz
QB outputs
50 MHz
120 MHz
QC outputs
100 MHz
240 MHz
MPC9773
fREF = 25 MHz
62.5 MHz
62.5 MHz
25 MHz (Feedback)
125 MHz
CCLK0
VCO_SEL
FSEL_A[1:0]
FSEL_B[1:0]
FSEL_C[1:0]
FSEL_FB[2:0]
QA[3:0]
QB[3:0]
QC[3:0]
QFB
CCLK1
CCLK_SEL
FB_IN
1
00
00
00
011
MPC9773 example configuration (feedback of
QFB = 25 MHz, fVCO = 250 MHz, VCO_SEL = 1,
M = 10, NA = 4, NB = 4, NC = 2).
Frequency Range
Min
Max
Input
20 MHz
48 MHz
QA outputs
50 MHz
120 MHz
QB outputs
50 MHz
120 MHz
QC outputs
100 MHz
240 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com