Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9773 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # MPC9773
Description  3.3 V 1:12 LVCMOS PLL Clock Generator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9773 Datasheet(HTML) 3 Page - Renesas Technology Corp

  MPC9773 Datasheet HTML 1Page - Renesas Technology Corp MPC9773 Datasheet HTML 2Page - Renesas Technology Corp MPC9773 Datasheet HTML 3Page - Renesas Technology Corp MPC9773 Datasheet HTML 4Page - Renesas Technology Corp MPC9773 Datasheet HTML 5Page - Renesas Technology Corp MPC9773 Datasheet HTML 6Page - Renesas Technology Corp MPC9773 Datasheet HTML 7Page - Renesas Technology Corp MPC9773 Datasheet HTML 8Page - Renesas Technology Corp MPC9773 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MPC9773 REVISION 6 MARCH 16, 2016
3
©2016 Integrated Device Technology, Inc.
MPC9773 Data Sheet
3.3 V 1:12 LVCMOS PLL CLOCK GENERATOR
Table 1. Pin Configuration
Pin
I/O
Type
Function
CCLK0
Input
LVCMOS
PLL reference clock
CCLK1
Input
LVCMOS
Alternative PLL reference clock
PCLK, PCLK
Input
LVPECL
Differential LVPECL reference clock
FB_IN
Input
LVCMOS
PLL feedback signal input, connect to an QFB
CCLK_SEL
Input
LVCMOS
LVCMOS clock reference select
REF_SEL
Input
LVCMOS
LVCMOS/PECL reference clock select
VCO_SEL
Input
LVCMOS
VCO operating frequency select
PLL_EN
Input
LVCMOS
PLL enable/PLL bypass mode select
MR/OE
Input
LVCMOS
Output enable/disable (high-impedance tristate) and device reset
FSEL_A[0:1]
Input
LVCMOS
Frequency divider select for bank A outputs
FSEL_B[0:1]
Input
LVCMOS
Frequency divider select for bank B outputs
FSEL_C[0:1]
Input
LVCMOS
Frequency divider select for bank C outputs
FSEL_FB[0:2]
Input
LVCMOS
Frequency divider select for the QFB output
INV_CLK
Input
LVCMOS
Clock phase selection for outputs QC2 and QC3
STOP_CLK
Input
LVCMOS
Clock input for clock stop circuitry
STOP_DATA
Input
LVCMOS
Configuration data input for clock stop circuitry
QA[0-3]
Output
LVCMOS
Clock outputs (Bank A)
QB[0-3]
Output
LVCMOS
Clock outputs (Bank B)
QC[0-3]
Output
LVCMOS
Clock outputs (Bank C)
QFB
Output
LVCMOS
PLL feedback output. Connect to FB_IN.
QSYNC
Output
LVCMOS
Synchronization pulse output
GND
Supply
Ground
Negative power supply
VCC_PLL
Supply
VCC
PLL positive power supply (analog power supply). It is recommended to use an external RC
filter for the analog power supply pin VCC_PLL. Please refer to applications section for details.
VCC
Supply
VCC
Positive power supply for I/O and core. All VCC pins must be connected to the positive power
supply for correct operation
Table 2. Function Table (Configuration Controls)
Control
Default
0
1
REF_SEL
1
Selects CCLKx as the PLL reference clock
Selects the LVPECL inputs as the PLL
reference clock
CCLK_SEL
1
Selects CCLK0
Selects CCLK1
VCO_SEL
1
Selects VCO
2. The VCO frequency is scaled by a factor of 2 (low VCO
frequency range).
Selects VCO
1 (high VCO frequency
range)
PLL_EN
1
Test mode with the PLL bypassed. The reference clock is substituted for the
internal VCO output. MPC9773 is fully static and no minimum frequency limit
applies. All PLL related AC characteristics are not applicable.
Normal operation mode with PLL
enabled.
INV_CLK
1
QC2 and QC3 are in phase with QC0 and QC1
QC2 and QC3 are inverted (180° phase
shift) with respect to QC0 and QC1
MR/OE
1
Outputs disabled (high-impedance state) and device is reset. During reset/
output disable the PLL feedback loop is open and the internal VCO is tied to
its lowest frequency. The MPC9773 requires reset after any loss of PLL lock.
Loss of PLL lock may occur when the external feedback path is interrupted.
The length of the reset pulse should be greater than one reference clock
cycle (CCLKx). The device is reset by the internal power-on reset (POR)
circuitry during power-up.
Outputs enabled (active)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com