Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ121 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSZ121
Description  High temperature (150 °C) and long mission profile automotive grade, high accuracy (250 μV) 5 V CMOS operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ121 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSZ121 Datasheet HTML 2Page - STMicroelectronics TSZ121 Datasheet HTML 3Page - STMicroelectronics TSZ121 Datasheet HTML 4Page - STMicroelectronics TSZ121 Datasheet HTML 5Page - STMicroelectronics TSZ121 Datasheet HTML 6Page - STMicroelectronics TSZ121 Datasheet HTML 7Page - STMicroelectronics TSZ121 Datasheet HTML 8Page - STMicroelectronics TSZ121 Datasheet HTML 9Page - STMicroelectronics TSZ121 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Table 5. Electrical characteristics at (VCC +) = 3.3 V with (VCC -) = 0 V, Vicm = VCC / 2, Tamb = 25 °C, and RL = 1 MΩ
connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
T = 25 °C
250
µV
-40 °C < T < 150 °C
600
ΔVio/ΔT
Input offset voltage drift
-40 °C < T < 25 °C
6
μV/°C
25 °C < T < 150 °C
3
Iio
Input offset current (1)
T = 25 °C
1
pA
Iib
Input bias current (1)
T = 25 °C
1
CMR
Common mode rejection ratio,
20 log (ΔVicm/ΔVio), Vicm = 0 to 3.3 V
T = 25 °C
78
105
dB
-40 °C < T < 150 °C
73
Avd
Large signal voltage gain,
Vout = 0.2 V to (VCC+) - 0.2 V
RL = 100 kΩ, T = 25 °C
100
134
RL = 100 kΩ, -40 °C < T < 150 °C
88
VOH
High-level output voltage, (drop from VCC+),
VID = 200 mV
RL = 10 kΩ, T = 25 °C
11
25
mV
RL = 10 kΩ, -40 °C < T < 150 °C
40
VOL
Low-level output voltage, VID = -200 mV
RL = 10 kΩ, T = 25 °C
9
25
RL = 10 kΩ, -40 °C < T < 150 °C
40
Iout
Output sink current, Vout = VCC,
VΙD = -200 mV
T = 25 °C
12
22
mA
-40 °C < T < 150 °C
6
Output source current, Vout = 0 V,
VΙD = 200 mV
T = 25 °C
9
17
-40 °C < T < 150 °C
5
ICC
Supply current (per channel), no load,
Vout = VCC/2
T = 25 °C
1.8
2.6
µA
-40 °C < T < 150 °C
2.8
-40 °C < T < 125 °C
2.7
AC performance
GBP
Gain bandwidth product
RL = 100 kΩ, CL = 60 pF
14
25
kHz
Φm
Phase margin
80
degrees
Gm
Gain margin
25
dB
SRp
Slew rate (10 % to 90 %) RL = 1 MΩ,
CL = 60 pF, Vout = 0.3 V to (VCC+) - 0.3 V
T = 25 °C
1.4
3.5
V/ms
-40 °C < T < 150 °C
0.9
SRn
Slew rate (10 % to 90 %) RL = 1 MΩ,
CL = 60 pF, Vout = 0.3 V to (VCC+) - 0.3 V
T = 25 °C
2.5
5.5
V/ms
-40 °C < T < 150 °C
1.1
Ts
Settling time
1 V step, G = +1, 0.1%
445
µs
en
Equivalent input noise voltage
f = 100 Hz
200
nV/√Hz
ʃen
Low-frequency, peak-to-peak input noise
Bandwidth: f = 0.1 to 10 Hz
4.6
µVpp
trecP
Overload recovery time (from positive rail)
100 mV from rail in comparator, RL
= 100 kΩ,
VΙD = ±1 V, -40 °C < T < 150 °C
400
µs
trecN
Overload recovery time (from negative rail)
100 mV from rail in comparator, RL
= 100 kΩ,
VΙD = ±1 V, -40 °C < T < 150 °C
600
TSU111H
Electrical characteristics
DS14162 - Rev 1
page 6/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com