Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ121 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSZ121
Description  High temperature (150 °C) and long mission profile automotive grade, high accuracy (250 μV) 5 V CMOS operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ121 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSZ121 Datasheet HTML 16Page - STMicroelectronics TSZ121 Datasheet HTML 17Page - STMicroelectronics TSZ121 Datasheet HTML 18Page - STMicroelectronics TSZ121 Datasheet HTML 19Page - STMicroelectronics TSZ121 Datasheet HTML 20Page - STMicroelectronics TSZ121 Datasheet HTML 21Page - STMicroelectronics TSZ121 Datasheet HTML 22Page - STMicroelectronics TSZ121 Datasheet HTML 23Page - STMicroelectronics TSZ121 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
5
Ordering information
5.1
Nanopower applications
The TSU111H can operate from 1.5 V to 5.5 V. The parameters are fully specified at 1.8 V, 3.3 V, and 5 V supply
voltages and are very stable in the full VCC range. Additionally, the main specifications are guaranteed on the
temperature range from -40 to 150 °C.
5.1.1
Schematic optimization aiming for nanopower
To benefit from the full performance of the TSU111IY, the impedances must be maximized so that current
consumption is not lost where it is not required.
For example, an aluminum electrolytic capacitance can have significantly high leakage. This leakage may be
greater than the current consumption of the op amp. For this reason, ceramic type capacitors are preferred.
For the same reason, big resistor values should be used in the feedback loop. However, there are two main
limitations to be considered when choosing a resistor.
1.
Noise generated: a 100 kΩ resistor generates 40 nV/√Hz, a bigger resistor value generates even more
noise.
2.
Leakage on the PCB: leakage can be generated by moisture. This can be improved by using a specific
coating process on the PCB.
5.1.2
PCB layout considerations
For correct operation, it is advised to add 10 nF decoupling capacitors as close as possible to the power supply
pins.
Minimizing the leakage from sensitive high impedance nodes on the inputs of the TSU111H can be performed
with a guarding technique. The technique consists of surrounding high impedance tracks by a low impedance
track (the ring). The ring is at the same electrical potential as the high impedance node.
Therefore, even if some parasitic impedance exists between the tracks, no leakage current can flow through them
as they are at the same potential (see Figure 56. Guarding on the PCB).
Figure 56. Guarding on the PCB
5.2
Rail-to-rail input
The TSU111H is built with two complementary PMOS and NMOS input differential pairs. Thus, the device has a
rail-to-rail input, and the input common mode range is extended from (VCC-) - 0.1 V to (VCC+) + 0.1 V.
The TSU111H has been designed to prevent phase reversal behavior.
TSU111H
Ordering information
DS14162 - Rev 1
page 20/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com