Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC800P06LM Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # ISC800P06LM
Description  OptiMOSTM Power Transistor, -60 V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC800P06LM Datasheet(HTML) 4 Page - Infineon Technologies AG

  ISC800P06LM Datasheet HTML 1Page - Infineon Technologies AG ISC800P06LM Datasheet HTML 2Page - Infineon Technologies AG ISC800P06LM Datasheet HTML 3Page - Infineon Technologies AG ISC800P06LM Datasheet HTML 4Page - Infineon Technologies AG ISC800P06LM Datasheet HTML 5Page - Infineon Technologies AG ISC800P06LM Datasheet HTML 6Page - Infineon Technologies AG ISC800P06LM Datasheet HTML 7Page - Infineon Technologies AG ISC800P06LM Datasheet HTML 8Page - Infineon Technologies AG ISC800P06LM Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
OptiMOSTMPowerTransistor,-60V
ISC800P06LM
Rev.2.0,2022-10-13
Final Data Sheet
3Electricalcharacteristics
atTj=25°C,unlessotherwisespecified
Table4Staticcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Drain-source breakdown voltage
V(BR)DSS
-60
-
-
V
VGS=0V,ID=-250µA
Gate threshold voltage
VGS(th)
-1
-1.5
-2
V
VDS=VGS,ID=-724µA
Zero gate voltage drain current
IDSS
-
-
-0.1
-10
-1
-100
µA
VDS=-60V,VGS=0V,Tj=25°C
VDS=-60V,VGS=0V,Tj=125°C
Gate-source leakage current
IGSS
-
-10
-100
nA
VGS=-20V,VDS=0V
Drain-source on-state resistance
RDS(on)
-
-
67
79
80
100
m
Ω
VGS=-10V,ID=-16A
VGS=-4.5V,ID=-12.8A
Gate resistance
RG
-
5
-
Ω
-
Transconductance
gfs
-
22
-
S
|VDS|
≥2|ID|RDS(on)max,ID=-16A
Table5Dynamiccharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Input capacitance
1)
Ciss
-
1086
1400
pF
VGS=0V,VDS=-30V,f=1MHz
Output capacitance
1)
Coss
-
154
210
pF
VGS=0V,VDS=-30V,f=1MHz
Reverse transfer capacitance
1)
Crss
-
36
65
pF
VGS=0V,VDS=-30V,f=1MHz
Turn-on delay time
td(on)
-
3.9
-
ns
VDD=-30V,VGS=-10V,ID=-16A,
RG,ext=1.6
Ω
Rise time
tr
-
1.8
-
ns
VDD=-30V,VGS=-10V,ID=-16A,
RG,ext=1.6
Ω
Turn-off delay time
td(off)
-
35.8
-
ns
VDD=-30V,VGS=-10V,ID=-16A,
RG,ext=1.6
Ω
Fall time
tf
-
13.5
-
ns
VDD=-30V,VGS=-10V,ID=-16A,
RG,ext=1.6
Ω
Table6Gatechargecharacteristics2)
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Gate to source charge
Qgs
-
-3.8
-
nC
VDD=-30V,ID=-16A,VGS=0to-4.5V
Gate charge at threshold
Qg(th)
-
-1.6
-
nC
VDD=-30V,ID=-16A,VGS=0to-4.5V
Gate to drain charge
1)
Qgd
-
-9.5
-14.3
nC
VDD=-30V,ID=-16A,VGS=0to-4.5V
Switching charge
Qsw
-
-11.7
-
nC
VDD=-30V,ID=-16A,VGS=0to-4.5V
Gate charge total
1)
Qg
-
-16.0
-20.0
nC
VDD=-30V,ID=-16A,VGS=0to-4.5V
Gate plateau voltage
Vplateau
-
-3.6
-
V
VDD=-30V,ID=-16A,VGS=0to-4.5V
Gate charge total
1)
Qg
-
-11.2
-14.8
nC
VDD=-30V,ID=-16A,VGS=0to-10V
Output charge
1)
Qoss
-
-11.4
-15.2
nC
VDD=-30V,VGS=0V
1) Defined by design. Not subject to production test
2) See diagram ,Gate charge waverforms, for gate charge parameter definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com