Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC800P06LM Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # ISC800P06LM
Description  OptiMOSTM Power Transistor, -60 V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC800P06LM Datasheet(HTML) 1 Page - Infineon Technologies AG

  ISC800P06LM Datasheet HTML 1Page - Infineon Technologies AG ISC800P06LM Datasheet HTML 2Page - Infineon Technologies AG ISC800P06LM Datasheet HTML 3Page - Infineon Technologies AG ISC800P06LM Datasheet HTML 4Page - Infineon Technologies AG ISC800P06LM Datasheet HTML 5Page - Infineon Technologies AG ISC800P06LM Datasheet HTML 6Page - Infineon Technologies AG ISC800P06LM Datasheet HTML 7Page - Infineon Technologies AG ISC800P06LM Datasheet HTML 8Page - Infineon Technologies AG ISC800P06LM Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
ISC800P06LM
Rev.2.0,2022-10-13
Final Data Sheet
1
2
3
4
5
6
7
8
4
3
2
1
5
6
7
8
SuperSO8
Drain
Pin 5-8
Gate
Pin 4
Source
Pin 1-3
*1
*1: Internal body diode
MOSFET
OptiMOSTMPowerTransistor,-60V
Features
•P-Channel
•Verylowon-resistanceRDS(on)@VGS=4.5V
•100%avalanchetested
•LogicLevel
•Enhancementmode
•Pb-freeleadplating;RoHScompliant
•Halogen-freeaccordingtoIEC61249-2-21
Productvalidation
FullyqualifiedaccordingtoJEDECforIndustrialApplications
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS
-60
V
RDS(on),max
80
m
Ω
ID
-19.6
A
Type/OrderingCode
Package
Marking
RelatedLinks
ISC800P06LM
PG-TDSON-8
800P06LM
-


Similar Part No. - ISC800P06LM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC-1008 VISHAY-ISC-1008 Datasheet
288Kb / 2P
Surface Mount Wirewound Shielded Inductor
12-May-05
ISC-1008 VISHAY-ISC-1008 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
ISC-1008 VISHAY-ISC-1008 Datasheet
129Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
ISC-1008ER100M VISHAY-ISC-1008ER100M Datasheet
288Kb / 2P
Surface Mount Wirewound Shielded Inductor
12-May-05
ISC-1008 VISHAY-ISC-1008_06 Datasheet
399Kb / 3P
Surface Mount Wirewound Shielded Inductor
10-Aug-06
More results

Similar Description - ISC800P06LM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ065N06LS5 INFINEON-BSZ065N06LS5 Datasheet
1Mb / 11P
OptiMOSTM Power-Transistor, 60 V
Rev.2.2,2016-08-10
IPB010N06N INFINEON-IPB010N06N_16 Datasheet
1Mb / 11P
OptiMOSTM Power-Transistor, 60 V
Rev.2.4,2016-01-18
IPA060N06N INFINEON-IPA060N06N_16 Datasheet
1Mb / 10P
OptiMOSTM Power-Transistor, 60 V
Rev.2.2,2016-08-10
BSC014N06NST INFINEON-BSC014N06NST Datasheet
1Mb / 13P
OptiMOSTM Power-Transistor, 60 V
Rev.2.0,2017-03-01
BSC028N06NST INFINEON-BSC028N06NST Datasheet
1Mb / 12P
OptiMOSTM Power-Transistor, 60 V
Rev.2.1,2017-10-19
BSC097N06NST INFINEON-BSC097N06NST Datasheet
1Mb / 12P
OptiMOSTM Power-Transistor, 60 V
Rev.2.0,2017-10-19
IPT012N06N INFINEON-IPT012N06N Datasheet
1,022Kb / 11P
OptiMOSTM Power-Transistor, 60 V
Rev.2.0,2016-12-09
IPD380P06NM INFINEON-IPD380P06NM Datasheet
919Kb / 10P
OptiMOSTM Power Transistor, -60 V
Rev.2.0,2019-03-28
ISC240P06LM INFINEON-ISC240P06LM Datasheet
1Mb / 11P
OptiMOSTM Power Transistor, -60 V
Rev. 2.0, 2022-10-10
BSC028N06NSSC INFINEON-BSC028N06NSSC Datasheet
1Mb / 11P
OptiMOSTM Power-Transistor, 60 V
Rev. 2.1, 2022-10-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com