Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576DT Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF8576DT
Description  Universal LCD driver for low multiplex rates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576DT Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF8576DT Datasheet HTML 19Page - NXP Semiconductors PCF8576DT Datasheet HTML 20Page - NXP Semiconductors PCF8576DT Datasheet HTML 21Page - NXP Semiconductors PCF8576DT Datasheet HTML 22Page - NXP Semiconductors PCF8576DT Datasheet HTML 23Page - NXP Semiconductors PCF8576DT Datasheet HTML 24Page - NXP Semiconductors PCF8576DT Datasheet HTML 25Page - NXP Semiconductors PCF8576DT Datasheet HTML 26Page - NXP Semiconductors PCF8576DT Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
2004 Dec 22
23
Philips Semiconductors
Product specification
Universal LCD driver for low
multiplex rates
PCF8576D
MSA833
REST OF OPCODE
C
MSB
LSB
Fig.18 Format of command byte.
C = 0 = last command.
C = 1 = commands continue.
Table 4
Definition of PCF8576D commands
Note
1. Not used.
COMMAND
OPCODE
OPTIONS
DESCRIPTION
MODE SET
C
1
0
(1)
E
B
M1
M0
Table 5
Defines LCD drive mode.
Table 6
Defines LCD bias configuration.
Table 7
Defines display status; the possibility to
disable the display allows implementation
of blinking under external control.
LOAD DATA
POINTER
C
0
P5
P4
P3
P2
P1
P0
Table 8
Six bits of immediate data, bits P5 to P0,
are transferred to the data pointer to
define one of forty display RAM
addresses.
DEVICE
SELECT
C
1100A2
A1
A0
Table 9
Three bits of immediate data, bits A0 to
A2, are transferred to the subaddress
counter to define one of eight hardware
subaddresses.
BANK
SELECT
C
11110I
O
Table 10
Defines input bank selection (storage of
arriving display data).
Table 11
Defines output bank selection (retrieval of
LCD display data); the BANK SELECT
command has no effect in 1 : 3 and 1 : 4
multiplex drive modes.
BLINK
C
1110A
BF1 BF0 Table 12
Defines the blink frequency.
Table 13
Selects the blink mode; normal operation
with frequency set by BF1, BF0 or blinking
by alternating display RAM banks;
alternating RAM bank blinking does not
apply in 1 : 3 and 1 : 4 multiplex drive
modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com