Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576DT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8576DT
Description  Universal LCD driver for low multiplex rates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576DT Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8576DT Datasheet HTML 1Page - NXP Semiconductors PCF8576DT Datasheet HTML 2Page - NXP Semiconductors PCF8576DT Datasheet HTML 3Page - NXP Semiconductors PCF8576DT Datasheet HTML 4Page - NXP Semiconductors PCF8576DT Datasheet HTML 5Page - NXP Semiconductors PCF8576DT Datasheet HTML 6Page - NXP Semiconductors PCF8576DT Datasheet HTML 7Page - NXP Semiconductors PCF8576DT Datasheet HTML 8Page - NXP Semiconductors PCF8576DT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
2004 Dec 22
3
Philips Semiconductors
Product specification
Universal LCD driver for low
multiplex rates
PCF8576D
1
FEATURES
• Single-chip LCD controller/driver
• Selectable backplane drive configuration: static or 2/3/4
backplane multiplexing
• Selectable display bias configuration: static, 1/2 and 1/3
• Internal LCD bias generation with voltage-follower
buffers
• 40 segment drives: up to twenty 8-segment numeric
characters; up to ten 15-segment alphanumeric
characters; or any graphics of up to 160 elements
• 40 × 4-bit RAM for display data storage
• Auto-incremental display data loading across device
subaddress boundaries
• Display memory bank switching in static and duplex
drive modes
• Versatile blinking modes
• Independent supplies possible for LCD and logic
voltages
• Wide power supply range: from 1.8 to 5.5 V
• Wide logic LCD supply range: from 2.5 V for
low-threshold LCDs and up to 6.5 V for guest-host LCDs
and high-threshold (automobile) twisted nematic LCDs
• Low power consumption
• 400 kHz I2C-bus interface
• TTL/CMOS compatible
• Compatible with 4, 8 or 16-bit microprocessors or
microcontrollers
• May be cascaded for large LCD applications (up to
2560 elements possible)
• No external components
• Compatible with chip-on-glass technology
• Manufactured in silicon gate CMOS process.
2
GENERAL DESCRIPTION
The PCF8576D is a peripheral device which interfaces to
almost any Liquid Crystal Display (LCD) with low multiplex
rates. It generates the drive signals for any static or
multiplexed LCD containing up to four backplanes and up
to 40 segments and can easily be cascaded for larger LCD
applications. The PCF8576D is compatible with most
microprocessors/microcontrollers and communicates via a
two-line bidirectional I2C-bus. Communication overheads
are minimized by a display RAM with auto-incremental
addressing, by hardware subaddressing and by display
memory switching (static and duplex drive modes).
3
ORDERING INFORMATION
Note
1. These types have improved EMC immunity.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8576DH
TQFP64
plastic thin quad flat package; 64 leads; body 10
× 10 × 1.0 mm SOT357-1
PCF8576DT
TSSOP56
plastic thin shrink small outline package; 56 leads; body width
6.1 mm
SOT364-1
PCF8576DU/DA
−
chips in tray
−
PCF8576DH/2(1)
TQFP64
plastic thin quad flat package; 64 leads; body 10
× 10 × 1.0 mm SOT357-1
PCF8576DT/2(1)
TSSOP56
plastic thin shrink small outline package; 56 leads; body width
6.1 mm
SOT364-1
PCF8576DU/DA/2(1)
−
chips in tray
−
PCF8576DU/2DA/2(1)
−
chip with bumps in tray
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com