Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3032 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3032
Description  WHITE LED STEP-UP CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3032 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3032 Datasheet HTML 1Page - Diodes Incorporated AP3032 Datasheet HTML 2Page - Diodes Incorporated AP3032 Datasheet HTML 3Page - Diodes Incorporated AP3032 Datasheet HTML 4Page - Diodes Incorporated AP3032 Datasheet HTML 5Page - Diodes Incorporated AP3032 Datasheet HTML 6Page - Diodes Incorporated AP3032 Datasheet HTML 7Page - Diodes Incorporated AP3032 Datasheet HTML 8Page - Diodes Incorporated AP3032 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet
WHITE LED STEP-UP CONVERTER
AP3032
Dec. 2012 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
4
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Input Voltage
VIN
20
V
SW Pin Voltage
VSW
38
V
FB Pin Voltage
VFB
20
V
OV Voltage
VOV
35
V
CTRL Pin Voltage
VCTRL
20
V
Thermal Resistance (Junction to
Ambient, No Heat Sink)
θJA
265
°C/W
Operating Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-65 to 150
°C
Lead Temperature (Soldering, 10sec)
TLEAD
260
°C
ESD (Machine Model)
200
V
ESD (Human Body Model)
2000
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Operating Temperature Range
TOP
-40
85
°C
Input Voltage
VIN
2.7
9
V
CTRL Pin Voltage
VCTRL
9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com