Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3032 Datasheet (PDF) - Diodes Incorporated

AP3032 Datasheet PDF - Diodes Incorporated
Part # AP3032
Download  AP3032 Download
File Size   482.5 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description WHITE LED STEP-UP CONVERTER

AP3032 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3032 Datasheet PDF - Diodes Incorporated

Part # AP3032
Download  AP3032 Click to download

File Size   482.5 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description WHITE LED STEP-UP CONVERTER

AP3032 Datasheet (HTML) - Diodes Incorporated


AP3032 Product details

Features
• Efficiency Up to 81%(VIN=5V, IOUT=80mA)
• Drives up to 4 Rows of WLEDs with 7 Series
for Each in Parallel (VIN=5V)
• Fast 1 MHz Switching Frequency
• Wide Input Voltage Range: 2.7V to 9V
• Low Feedback Voltage: 200mV
• Output Over Voltage Protection
• Cycle-by-cycle Current Limit: 1.4A
• Built in Soft-start
• Built in Standby-mode to Achieve High
• Frequency PWM Dimming
• Built in Thermal Shutdown Function
• Under Voltage Lockout

Applications
• 7’ to 10’ LCD Panels
• Digital Photo Frame
• GPS Receiver




Similar Part No. - AP3032

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3032 BCDSEMI-AP3032 Datasheet
482Kb / 13P
WHITE LED STEP-UP CONVERTER
AP3032KTR-G1 BCDSEMI-AP3032KTR-G1 Datasheet
482Kb / 13P
WHITE LED STEP-UP CONVERTER
More results


Similar Description - AP3032

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com