Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5534AVM40R2 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC5534AVM40R2
Description  Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5534AVM40R2 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC5534AVM40R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
Electrical Characteristics
MPC5534 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
9
3.5
ESD Characteristics
3.6
VRC/POR Electrical Specifications
4VDDSYN, VRC33, VDD33, VFLASH, VDDE Operating Voltages
—
3.3
—
V
5
VPP, VDDEH, VDDA Operating Voltages
—
5.0
—
V
6
Maximum Amplitude
—
—
142
323
dBuV
7
Operating Temperature
—
—
25
oC
1 EMI testing and I/O port waveforms per SAE J1752/3 issued 1995-03. Qualification testing is performed on the MPC5554 and
applied to MPC5500 family as generic EMI performance data.
2 As measured with “single-chip” EMI program.
3 As measured with “expanded” EMI program.
Table 5. ESD Ratings1, 2
1 All ESD testing is in conformity with CDF-AEC-Q100 Stress Test Qualification for Automotive Grade Integrated Circuits.
2 A device will be defined as a failure if after exposure to ESD pulses the device no longer meets the device specification
requirements. Complete DC parametric and functional testing shall be performed per applicable device specification at room
temperature followed by hot temperature, unless specified otherwise in the device specification
Characteristic
Symbol
Value
Unit
ESD for Human Body Model (HBM)
2000
V
HBM Circuit Description
R1
1500
Ohm
C100
pF
ESD for Field Induced Charge Model (FDCM)
500 (all pins)
V
750 (corner pins)
Number of Pulses per pin:
Positive Pulses (HBM)
Negative Pulses (HBM)
—
—
1
1
—
—
Interval of Pulses
—
1
second
Table 6. VRC/POR Electrical Specifications
Num
Characteristic
Symbol
Min
Max
Units
1
1.5V (VDD) POR Negated (Ramp Up)
1.5V (VDD) POR Asserted (Ramp Down)
V_POR15
1.1
1.1
1.35
1.35
V
2
3.3V (VDDSYN) POR Negated (Ramp Up)
3.3V (VDDSYN) POR Asserted (Ramp Down)
V_POR33
2.0
2.0
2.85
2.85
V
3
RESET Pin Supply (VDDEH6) POR Negated (Ramp Up)
RESET Pin Supply (VDDEH6) POR Asserted (Ramp Down)
V_POR5
2.0
2.0
2.85
2.85
V
4
VRC33 voltage before regulator controller allows the pass transistor
to start turning on
V_TRANS_
START
1.0
2.0
V
Table 4. EMI Testing Specifications1 (continued)
Num
Characteristic
Min. Value
Typ. Value
Max. Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com