Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5534AVM40R2 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC5534AVM40R2
Description  Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5534AVM40R2 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC5534AVM40R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
Electrical Characteristics
MPC5534 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
19
3.9
Oscillator & FMPLL Electrical Characteristics
Table 12. HiP7 FMPLL Electrical Specifications
(VDDSYN = 3.0V to 3.6 V, VSS = VSSSYN = 0 V, TA = TL to TH)
Num
Characteristic
Symbol
Min.
Value
Max.
Value
Unit
1
PLL Reference Frequency Range:
Crystal reference
External reference
Dual Controller (1:1 mode)
fref_crystal
fref_ext
fref_1:1
8
8
24
20
20
fsys/2
MHz
2
System Frequency 1
fsys
fico(min) ÷ 2
RFD
fMAX
2
MHz
3
System Clock Period
tCYC
—1 / fsys
ns
4
Loss of Reference Frequency 3
fLOR
100
1000
kHz
5
Self Clocked Mode (SCM) Frequency 4
fSCM
7.4
17.5
MHz
6
EXTAL Input High Voltage
Crystal Mode 5
All other modes (Dual Controller (1:1),
Bypass, External Reference)
VIHEXT
VIHEXT
Vxtal + 0.4v
((VDDE5/2) + 0.4v)
—
—
V
V
7
EXTAL Input Low Voltage
Crystal Mode 6
All other modes (Dual Controller (1:1),
Bypass, External Reference)
VILEXT
VILEXT
—
—
Vxtal – 0.4v
((VDDE5/2) – 0.4v)
V
V
8
XTAL Current 7
IXTAL
0.8
3
mA
9
Total On-chip stray capacitance on XTAL
CS_XTAL
—1.5
pF
10
Total On-chip stray capacitance on EXTAL
CS_EXTAL
—1.5
pF
11
Crystal manufacturer’s recommended
capacitive load
CL
See crystal
specification
See crystal
specification
pF
12
Discrete load capacitance to be connected
to EXTAL
CL_EXTAL
—2*CL – CS_EXTAL –
CPCB_EXTAL
8
pF
13
Discrete load capacitance to be connected
to XTAL
CL_XTAL
—2*CL – CS_XTAL –
CPCB_XTAL
8
pF
14
PLL Lock Time9
tlpll
—750
µs
15
Dual Controller (1:1) Clock Skew (between
CLKOUT and EXTAL) 10, 11
tskew
–2
2
ns
16
Duty Cycle of reference
tdc
40
60
%
17
Frequency un-LOCK Range
fUL
– 4.0
4.0
% fsys
18
Frequency LOCK Range
fLCK
– 2.0
2.0
% fsys
19
CLKOUT Period Jitter,12, 13
Measured at fSYS Max
Peak-to-peak Jitter
(Clock edge to clock edge)
Long Term Jitter
(Averaged over 2 ms interval)
Cjitter
—
—
5.0
.01
% fclkout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com