Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH6004W Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH6004W
Description  Ultrafast high voltage rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH6004W Datasheet(HTML) 2 Page - STMicroelectronics

  STTH6004W Datasheet HTML 1Page - STMicroelectronics STTH6004W Datasheet HTML 2Page - STMicroelectronics STTH6004W Datasheet HTML 3Page - STMicroelectronics STTH6004W Datasheet HTML 4Page - STMicroelectronics STTH6004W Datasheet HTML 5Page - STMicroelectronics STTH6004W Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STTH6004W
2/6
Table 4: Thermal Resistance
Table 5: Static electrical characteristics
Pulse test:
* tp = 5 ms, δ < 2%
** tp = 380 µs, δ < 2%
To evaluate the conduction losses use the following equation: P = 0.8 x IF(AV) + 0.0033 IF
2
(RMS)
Table 6: Dynamic characteristics
Symbol
Parameter
Value (max).
Unit
Rth(j-c)
Junction to case
0.70
°C/W
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR *
Reverse leakage current Tj = 25 °C
VR = VRRM
50
µA
Tj = 150 °C
100
1000
VF **
Forward voltage drop
Tj = 25 °C
IF = 60 A
1.2
V
Tj = 150 °C
0.83
1.0
Symbol
Parameter
Test conditions
Min
Typ Max Unit
trr
Reverse recovery
time
Tj = 25 °C
IF = 1 A dIF/dt = 50 A/µs VR =30 V
66
90
ns
IF = 1 A dIF/dt = 200 A/µs VR =30 V
36
50
IRM
Reverse recovery
current
Tj = 125 °C IF = 60 A
VR = 200 V
dIF/dt = 100 A/µs
15
A
Sfactor Softness factor
Tj = 125 °C IF = 60 A
VR = 200 V
dIF/dt = 100 A/µs
0.4
tfr
Forward recovery
time
Tj = 25 °C
IF = 60 A
dIF/dt = 200 A/µs
VFR = 1.1 x VFmax
600
ns
VFP
Forward recovery
voltage
Tj = 25 °C
IF = 60 A
dIF/dt = 200 A/µs
VFR = 1.1 x VFmax
3.2
V
Figure 1: Conduction losses versus average
forward current
Figure 2: Forward voltage drop versus forward
current
0
10
20
30
40
50
60
70
80
0
10
20304050
607080
P(W)
d=0.05
d=0.1
d=0.2
d=0.5
d=1
T
I
F(AV)
(A)
0
20
40
60
80
100
120
140
160
180
200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
I
FM
(A)
T
J=150°C
(Maximum values)
T
J=150°C
(Typical values)
T
J=25°C
(Maximum values)
V
FM
(V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com