Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH6004W Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH6004W
Description  Ultrafast high voltage rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH6004W Datasheet(HTML) 3 Page - STMicroelectronics

  STTH6004W Datasheet HTML 1Page - STMicroelectronics STTH6004W Datasheet HTML 2Page - STMicroelectronics STTH6004W Datasheet HTML 3Page - STMicroelectronics STTH6004W Datasheet HTML 4Page - STMicroelectronics STTH6004W Datasheet HTML 5Page - STMicroelectronics STTH6004W Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STTH6004W
3/6
Figure
3:
Relative
variation
of
thermal
impedance junction to case versus pulse
duration
Figure 4: Peak reverse recovery current versus
dIF/dt (typical values)
Figure 5: Reverse recovery time versus dIF/dt
(typical values)
Figure 6: Reverse recovery charges versus
dIF/dt (typical values)
Figure 7: Reverse recovery softness factor
versus dIF/dt (typical values)
Figure 8: Relative variations of dynamic
parameters versus junction temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Z th(j-c)/Rth(j-c)
Single pulse
t
P
(s)
0
5
10
15
20
25
30
35
40
45
0
50
100
150
200
250
300
350
400
450
500
I
RM
(A)
I
F=IF(AV)
V
R=200V
T
j=125°C
dIF /dt(A/µs)
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
400
450
500
t(ns)
I
F=IF(AV)
V
R=200V
T
j=125°C
dIF /dt(A/µs)
rr
0
500
1000
1500
2000
2500
3000
0
100
200
300
400
500
Q(nC)
I
F=IF(AV)
V
R=200V
T
j=125°C
dI F/dt(A/µs)
rr
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
50
100
150
200
250
300
350
400
450
500
SFACTOR
I
F < 2 x IF(AV)
V
R=200V
T
j=125°C
dI F /dt(A/µs)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
25
50
75
100
125
I
RM &tRR
S
FACTOR
I
F=IF(AV)
V
R=200V
Reference: T
j=125°C
Q
RR
T
j
(°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com