Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH61CDT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSH61CDT
Description  Wide-Band, Low-Power Operational Amplifiers with Standby
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH61CDT Datasheet(HTML) 4 Page - STMicroelectronics

  TSH61CDT Datasheet HTML 1Page - STMicroelectronics TSH61CDT Datasheet HTML 2Page - STMicroelectronics TSH61CDT Datasheet HTML 3Page - STMicroelectronics TSH61CDT Datasheet HTML 4Page - STMicroelectronics TSH61CDT Datasheet HTML 5Page - STMicroelectronics TSH61CDT Datasheet HTML 6Page - STMicroelectronics TSH61CDT Datasheet HTML 7Page - STMicroelectronics TSH61CDT Datasheet HTML 8Page - STMicroelectronics TSH61CDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Standby Mode
TSH60,61,62,63,64
4/13
3
Standby Mode
Table 3.
VCC
+ (positive supply voltage), V
CC
- (negative supply voltage, or ground), T
amb = 25°C
(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vlow
Standby Low Level
VCC
-
(VCC
- +0.8)
V
Vhigh
Standby High Level
(VCC
- +2)
(VCC
+)V
ICC STBY
Current Consumption per
Operator when STANDBY is
Active
pin 8 (TSH61) to VCC
-
pin 1,2 or 3 (TSH63) to VCC
-
20
55
µA
Zout
Output Impedance (Rout//Cout)
Rout
Cout
10
17
M
Ω
pF
Ton
Time from Standby Mode to
Active Mode
2
µs
Toff
Time from Active Mode to
Standby Mode
Down to ICC STBY = 10µA10
µs
TSH61 Standby Control pin 8 (STBY)
Operator Status
Vlow
Standby
Vhigh
Active
TSH63 Standby Control
Operator Status
pin 1
(STBY OP1)
pin 2
(STBY OP2)
pin 3
(STBY OP3)
OP1
OP1
OP3
Vlow
x
x
Standby
x
x
Vhigh
xx
Active
x
x
xVlow
x
x
Standby
x
xVhigh
xActive
x
xx
Vlow
x
x
Standby
xx
Vhigh
xx
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com