Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH61CDT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH61CDT
Description  Wide-Band, Low-Power Operational Amplifiers with Standby
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH61CDT Datasheet(HTML) 1 Page - STMicroelectronics

  TSH61CDT Datasheet HTML 1Page - STMicroelectronics TSH61CDT Datasheet HTML 2Page - STMicroelectronics TSH61CDT Datasheet HTML 3Page - STMicroelectronics TSH61CDT Datasheet HTML 4Page - STMicroelectronics TSH61CDT Datasheet HTML 5Page - STMicroelectronics TSH61CDT Datasheet HTML 6Page - STMicroelectronics TSH61CDT Datasheet HTML 7Page - STMicroelectronics TSH61CDT Datasheet HTML 8Page - STMicroelectronics TSH61CDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
March 2006
Rev. 1
1/13
13
■ 5V,
±5V specifications
■ Gain-bandwidth product: 60MHz
■ Slew-rate: 80V/
µs
■ Output current: up to 45mA
■ Input/output rail-to-rail
■ Specified for 150
Ω load
■ Low distortion, THD: 0.1%
■ SO packages
Description
The TSH6x series offers single, dual, triple and
quad operational amplifiers featuring high video
performances.
The TSH6x op-amps can be used in consumer
video applications, such as set-top boxes, DVD
players and recorders, or TVs, as either video
buffers or video line drivers. Their performances
guarantee excellent video quality, enhancing the
performance of your video solution.
Running at single supply voltage from 5V to 12V,
amplifiers feature large output voltage swing and
high output current capability to drive standard
150
Ω loads.
The TSH61 and TSH63 also feature standby
inputs, allowing the op amps to be put into a
standby mode with low power consumption and
high output impedance.
For easy integration into video applications, the
TSH6x series is proposed in standard SO8 and
SO14 packages.
Applications
■ Standard definition video buffers
■ Set-top boxes
■ DVD players and recorders
■ Analog and digital TVs
Pin connections (top view)
TSH60 : SO8
TSH61 : SO8
VCC -
VCC +
1
2
3
5
4
8
7
6
Non Inverting Input1
Inverting Input1
Output2
+
_
Output1
Non Inverting Input2
Inverting Input2
+
_
TSH62 : SO8
TSH63 : SO14
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input2
Inverting Input2
Output4
Output2
Non Inverting Input4
Inverting Input4
5
6
7
8
10
9
+
_
+
_
+
_
Output3
Non Inverting Input3
Inverting Input3
+
_
Output1
Non Inverting Input1
Inverting Input1
TSH64 : SO14
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
STANDBY
Non Inverting Input
Inverting Input
Output
+
_
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input1
Inverting Input1
Output3
Output1
Non Inverting Input3
Inverting Input3
5
6
7
8
10
9
+
_
+
_
+
_
Output2
Non Inverting Input2
Inverting Input2
STANDBY1
STANDBY2
STANDBY3
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
Output
+
_
NC
Inverting Input
Non Inverting Input
TSH60 : SO8
TSH61 : SO8
VCC -
VCC +
1
2
3
5
4
8
7
6
Non Inverting Input1
Inverting Input1
Output2
+
_
Output1
Non Inverting Input2
Inverting Input2
+
_
VCC -
VCC +
1
2
3
5
4
8
7
6
Non Inverting Input1
Inverting Input1
Output2
+
_
Output1
Non Inverting Input2
Inverting Input2
+
_
TSH62 : SO8
TSH63 : SO14
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input2
Inverting Input2
Output4
Output2
Non Inverting Input4
Inverting Input4
5
6
7
8
10
9
+
_
+
_
+
_
Output3
Non Inverting Input3
Inverting Input3
+
_
Output1
Non Inverting Input1
Inverting Input1
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input2
Inverting Input2
Output4
Output2
Non Inverting Input4
Inverting Input4
5
6
7
8
10
9
+
_
+
_
+
_
Output3
Non Inverting Input3
Inverting Input3
+
_
Output1
Non Inverting Input1
Inverting Input1
TSH64 : SO14
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
STANDBY
Non Inverting Input
Inverting Input
Output
+
_
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
STANDBY
Non Inverting Input
Inverting Input
Output
+
_
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input1
Inverting Input1
Output3
Output1
Non Inverting Input3
Inverting Input3
5
6
7
8
10
9
+
_
+
_
+
_
Output2
Non Inverting Input2
Inverting Input2
STANDBY1
STANDBY2
STANDBY3
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input1
Inverting Input1
Output3
Output1
Non Inverting Input3
Inverting Input3
5
6
7
8
10
9
+
_
+
_
+
_
Output2
Non Inverting Input2
Inverting Input2
STANDBY1
STANDBY2
STANDBY3
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
Output
+
_
NC
Inverting Input
Non Inverting Input
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
Output
+
_
NC
Inverting Input
Non Inverting Input
www.st.com
TSH60,61,62,63,64
Wide-Band, Low-Power Operational Amplifiers
with Standby


Similar Part No. - TSH61CDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH690 STMICROELECTRONICS-TSH690 Datasheet
134Kb / 10P
40MHz to 1GHz AMPLIFIER
Sep-1998
TSH690 STMICROELECTRONICS-TSH690 Datasheet
1Mb / 14P
40MHz to 1GHz AMPLIFIER
Mar-2001
TSH690ID STMICROELECTRONICS-TSH690ID Datasheet
134Kb / 10P
40MHz to 1GHz AMPLIFIER
Sep-1998
TSH690ID STMICROELECTRONICS-TSH690ID Datasheet
1Mb / 14P
40MHz to 1GHz AMPLIFIER
Mar-2001
TSH690 STMICROELECTRONICS-TSH690_01 Datasheet
1Mb / 14P
40MHz to 1GHz AMPLIFIER
Mar-2001
More results

Similar Description - TSH61CDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH110 STMICROELECTRONICS-TSH110 Datasheet
424Kb / 19P
WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
Feb-2002
TSH70 STMICROELECTRONICS-TSH70 Datasheet
1Mb / 25P
WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION
Aug-2002
TSH80 STMICROELECTRONICS-TSH80 Datasheet
430Kb / 23P
Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
Aug-2005
TSH70 STMICROELECTRONICS-TSH70_06 Datasheet
586Kb / 33P
Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
May-2006
TSH80 STMICROELECTRONICS-TSH80_07 Datasheet
562Kb / 24P
Wide band rail-to-rail operational amplifier with standby function
24-Oct-2007
TSH110 STMICROELECTRONICS-TSH110_07 Datasheet
177Kb / 15P
Wide band low noise operational amplifiers
22-Oct-2007
TSH80 STMICROELECTRONICS-TSH80_09 Datasheet
1Mb / 27P
Wide band rail-to-rail operational amplifier with standby function
19-May-2009
logo
Rochester Electronics
CA3078 ROCHESTER-CA3078 Datasheet
595Kb / 6P
Micropower Operational Amplifier Low Standby Power
logo
Unisonic Technologies
MC33178 UTC-MC33178 Datasheet
148Kb / 6P
LOW POWER OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33171 ONSEMI-MC33171_15 Datasheet
175Kb / 15P
Low Power Operational Amplifiers
May, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com