Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH63CD Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSH63CD
Description  Wide-Band, Low-Power Operational Amplifiers with Standby
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH63CD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSH63CD Datasheet HTML 2Page - STMicroelectronics TSH63CD Datasheet HTML 3Page - STMicroelectronics TSH63CD Datasheet HTML 4Page - STMicroelectronics TSH63CD Datasheet HTML 5Page - STMicroelectronics TSH63CD Datasheet HTML 6Page - STMicroelectronics TSH63CD Datasheet HTML 7Page - STMicroelectronics TSH63CD Datasheet HTML 8Page - STMicroelectronics TSH63CD Datasheet HTML 9Page - STMicroelectronics TSH63CD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical Characteristics
TSH60,61,62,63,64
6/13
Table 5.
VCC
+ = 5V, V
CC
- = -5V, V
ic = GND, Tamb = 25
°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
|Vio|
Input Offset Voltage
Tmin. < Tamb < Tmax.
1.2
10
12
mV
Iib
Input Bias Current
6
µA
Cin
Input Capacitance
0.7
pF
ICC
Supply Current per Operator
9.8
mA
CMRR
Common Mode Rejection Ratio
(
δVic/δVio)
-4.9 <Vic < 3.9V & Vout = GND
94
dB
PSRR
Power Supply Rejection Ratio
(
δVCC/δVout)
Positive & Negative Rail
70
dB
Avd
Large Signal Voltage Gain
RL=150Ω to GND
Vout =- 4 to +4
80
dB
Io
Output Short Circuit Current Source
Vid = +1, Vout to 1.5V
Vid =- 1, Vout to 1.5V
|Source|
Sink
45
45
mA
Voh
High Level Output Voltage
RL = 150Ω to GND
4.36
V
Vol
Low Level Output Voltage
RL = 150Ω to GND
-4.63
-4.4
mV
Bw
Bandwidth @-3dB
AVCL= +1
RL = 150Ω to GND
74
MHz
SR
Slew Rate
AVCL= +2
RL=150Ω to GND
98
V/
µs
φmPhase Margin
RL = 150Ω to GND
40
°
THD
Total Harmonic Distortion
AVCL = +2, F = 4MHz
RL=150Ω to GND
Vout = 1Vpp
Vout = 2Vpp
-57
-51
dB
∆G
Differential gain
AVCL= +2, RL = 150Ω to GND
F = 4.5MHz, Vout = 2Vpp
0.5
%
Df
Differential phase
AVCL= +2, RL=150Ω to GND
F = 4.5MHz, Vout = 2Vpp
0.5
°
Gf
Gain Flatness
F = DC to 6MHz, AVCL= +2
0.2
dB
Vo1/Vo2 Channel Separation
F = 1MHz to 10MHz
65
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com