Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH63CD Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSH63CD
Description  Wide-Band, Low-Power Operational Amplifiers with Standby
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH63CD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSH63CD Datasheet HTML 3Page - STMicroelectronics TSH63CD Datasheet HTML 4Page - STMicroelectronics TSH63CD Datasheet HTML 5Page - STMicroelectronics TSH63CD Datasheet HTML 6Page - STMicroelectronics TSH63CD Datasheet HTML 7Page - STMicroelectronics TSH63CD Datasheet HTML 8Page - STMicroelectronics TSH63CD Datasheet HTML 9Page - STMicroelectronics TSH63CD Datasheet HTML 10Page - STMicroelectronics TSH63CD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TSH60,61,62,63,64
Electrical Characteristics
7/13
Figure 1.
Closed loop gain and phase vs.
frequency (Gain = +2, VCC = ±2.5V,
RL =150Ω, Tamb = 25
°C)
Figure 2.
Standby mode - Ton, Toff
(VCC = ±2.5V, open loop)
Figure 3.
Large signal measurement - positive
slew rate (Gain = 2, VCC = ±2.5V,
RL = 150Ω//5.6pF, Vin = 1Vpk)
Figure 4.
Large signal measurement -
negative slew rate (Gain = 2,
VCC= ±2.5V, RL = 150Ω//5.6pF,
Vin = 1Vpk)
Figure 5.
Small signal measurement - rise
time (Gain = 2, VCC = ±2.5V,
ZL = 150Ω, Vin = 25mVpk)
Figure 6.
Small signal measurement - fall time
(Gain = 2, VCC = ±2.5V, ZL = 150Ω,
Vin = 25mVpk)
1E+4
1E+5
1E+6
1E+7
1E+8
1E+9
Frequency (Hz)
-15
-10
-5
0
5
10
-200
-100
0
100
200
Gain
Phase
0
2E-6
4E-6
6E-6
8E -6
1E-5
Time (s)
-3
-2
-1
0
1
2
3
Vout
Ton
Toff
Standby
Vin
0
1 02 03 0
4 05 0607 0
80
Tim e (n s)
-3
-2
-1
0
1
2
3
0
1 02 0
3 04 0
5 06 07 0
Tim e (n s )
-3
-2
-1
0
1
2
3
0
1 02 03 0
4 05 0
6 0
Tim e ( n s)
-0 .0 6
-0 .0 4
-0 .0 2
0
0.02
0.04
0.06
Vin
V out
0
1 02 03 0
4 05 06 0
Tim e ( n s )
-0 .0 6
-0 .0 4
-0 .0 2
0
0.0 2
0.0 4
0.0 6
Vin
Vou t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com