Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH63CDT Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSH63CDT
Description  Wide-Band, Low-Power Operational Amplifiers with Standby
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH63CDT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSH63CDT Datasheet HTML 4Page - STMicroelectronics TSH63CDT Datasheet HTML 5Page - STMicroelectronics TSH63CDT Datasheet HTML 6Page - STMicroelectronics TSH63CDT Datasheet HTML 7Page - STMicroelectronics TSH63CDT Datasheet HTML 8Page - STMicroelectronics TSH63CDT Datasheet HTML 9Page - STMicroelectronics TSH63CDT Datasheet HTML 10Page - STMicroelectronics TSH63CDT Datasheet HTML 11Page - STMicroelectronics TSH63CDT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Electrical Characteristics
TSH60,61,62,63,64
8/13
Figure 7.
Equivalent noise voltage
(Gain = 100, VCC = ±2.5V, no load)
Figure 8.
Maximum output swing
(Gain = 11, VCC= ±2.5V, RL = 150Ω)
0.1
1
10
100
1000
Frequency (kHz)
5
10
15
20
25
30
_
+
10 0
10k
0.0E + 0
5.0E -2
1.0 E -1
1.5E -1
2.0E -1
Tim e (m s )
-3
-2
-1
0
1
2
3
V out
Vin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com