Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH63CDT Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSH63CDT
Description  Wide-Band, Low-Power Operational Amplifiers with Standby
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH63CDT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSH63CDT Datasheet HTML 5Page - STMicroelectronics TSH63CDT Datasheet HTML 6Page - STMicroelectronics TSH63CDT Datasheet HTML 7Page - STMicroelectronics TSH63CDT Datasheet HTML 8Page - STMicroelectronics TSH63CDT Datasheet HTML 9Page - STMicroelectronics TSH63CDT Datasheet HTML 10Page - STMicroelectronics TSH63CDT Datasheet HTML 11Page - STMicroelectronics TSH63CDT Datasheet HTML 12Page - STMicroelectronics TSH63CDT Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TSH60,61,62,63,64
Video Applications
9/13
5
Video Applications
TSH6x operational amplifiers can be used to buffer standard definition video signals on
75-ohm video lines. An example of a video channel is shown below. A typical third-order
filter and its response are also shown.
Figure 9.
Implementation of a video driver on a video DAC output
Figure 10. Third order low-pass filter and its response (for standard definition video)
+5V
1.05V
50m V
tim e
Volt
75
Ω
75
Ω Cable
75
Ω
1Vpp
2Vpp
1Vpp
Video
DAC
2.1V
tim e
Volt
LPF
Re construction
Filte r
100mV
Video
Signal
Video
Signal
+
_
1Kohm
1.05V
tim e
50mV
Video
Signal
1Kohm
TSH 6x
5pF
6.8uH
33pF
33pF
Vin
Vout
5pF
6.8uH
33pF
33pF
Vin
Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com