Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2012A Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXTP2012A
Description  60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTP2012A Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXTP2012A Datasheet HTML 1Page - Zetex Semiconductors ZXTP2012A Datasheet HTML 2Page - Zetex Semiconductors ZXTP2012A Datasheet HTML 3Page - Zetex Semiconductors ZXTP2012A Datasheet HTML 4Page - Zetex Semiconductors ZXTP2012A Datasheet HTML 5Page - Zetex Semiconductors ZXTP2012A Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZXTP2012A
SEMICO NDUC TORS
ISSUE 2 - NOVEMBER 2005
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to ambient
(a)
R JA
125
°C/W
Junction to ambient
(b)
R JA
175
°C/W
NOTES
(a) For a device through hole mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
Collector lead length to solder point 4mm.
(b) For a device mounted in a socket in still air conditions. Collector lead length 10mm.
THERMAL RESISTANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Collector-base voltage
BVCBO
-100
V
Collector-emitter voltage
BVCEO
-60
V
Emitter-base voltage
BVEBO
-7
V
Continuous collector current
(a)
IC
-3.5
A
Peak pulse current
ICM
-15
A
Practical power dissipation at TA =25°C
(a)
Linear derating factor
PD
1.0
8
W
mW/°C
Power dissipation at TA =25°C
(b)
Linear derating factor
PD
0.71
5.7
W
mW/°C
Operating and storage temperature range
Tj,Tstg
-55 to 150
°C
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com