Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2012A Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXTP2012A
Description  60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTP2012A Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXTP2012A Datasheet HTML 1Page - Zetex Semiconductors ZXTP2012A Datasheet HTML 2Page - Zetex Semiconductors ZXTP2012A Datasheet HTML 3Page - Zetex Semiconductors ZXTP2012A Datasheet HTML 4Page - Zetex Semiconductors ZXTP2012A Datasheet HTML 5Page - Zetex Semiconductors ZXTP2012A Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SEMICO NDUC TORS
SUMMARY
BVCEO = -60V : RSAT = 38m ; IC = -3.5A
DESCRIPTION
Packaged in the E-line outline this new low saturation 60V PNP transistor
offers extremely low on state losses making it ideal for use in DC-DC circuits
and various driving and power management functions.
FEATURES
• 3.5 amps continuous current
• Up to 15 amps peak current
• Very low saturation voltages
• Excellent gain up to 10 amps
APPLICATIONS
• DC - DC converters
• MOSFET gate drivers
• Power switches
• Motor control
DEVICE MARKING
ZXT
P20
12
ZXTP2012A
ISSUE 2 - NOVEMBER 2005
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
DEVICE
QUANTITY PER REEL
ZXTP2012ASTOA
ZXTP2012ASTZ
2,000 units / reel
2,000 units / carton
ORDERING INFORMATION
E-line
PINOUT
TOP VIEW


Similar Part No. - ZXTP2012A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP2012A DIODES-ZXTP2012A_15 Datasheet
130Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
NOVEMBER 2005
More results

Similar Description - ZXTP2012A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T851A ZETEX-ZX5T851A Datasheet
105Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
ZXTN2010A ZETEX-ZXTN2010A Datasheet
110Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
logo
Diodes Incorporated
ZX5T851A DIODES-ZX5T851A Datasheet
114Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
NOVEMBER 2003
ZX5T951G DIODES-ZX5T951G Datasheet
133Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
SEPTEMBER 2003
ZXTN2010A DIODES-ZXTN2010A Datasheet
125Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
MAY 2006
ZXTP2012G DIODES-ZXTP2012G Datasheet
132Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
JUNE 2005
ZTX750 DIODES-ZTX750_15 Datasheet
375Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN E-LINE
Rev 3
ZX5T851A DIODES-ZX5T851A_15 Datasheet
114Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
NOVEMBER 2003
ZXTN2010A DIODES-ZXTN2010A_15 Datasheet
125Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
MAY 2006
ZXTP2012A DIODES-ZXTP2012A_15 Datasheet
130Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
NOVEMBER 2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com