Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22916 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP22916
Description  1.3V-5.5V, 2A, 60mΩ ULTRA-LOW LEAKAGE LOAD SWITCH
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22916 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP22916 Datasheet HTML 9Page - Diodes Incorporated AP22916 Datasheet HTML 10Page - Diodes Incorporated AP22916 Datasheet HTML 11Page - Diodes Incorporated AP22916 Datasheet HTML 12Page - Diodes Incorporated AP22916 Datasheet HTML 13Page - Diodes Incorporated AP22916 Datasheet HTML 14Page - Diodes Incorporated AP22916 Datasheet HTML 15Page - Diodes Incorporated AP22916 Datasheet HTML 16Page - Diodes Incorporated AP22916 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AP22916
Document number: DS44758 Rev. 1 - 2
13 of 32
www.diodes.com
March 2022
© Diodes Incorporated
AP22916
Typical Performance Characteristics (CIN = 1µF, COUT = 0.1µF. All devices in this section are for 25℃, unless otherwise
specified.) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com