Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1663 Datasheet(PDF) 1 Page - Weitron Technology

Part # KTA1663
Description  PNP Epitaxial Planar Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

KTA1663 Datasheet(HTML) 1 Page - Weitron Technology

  KTA1663 Datasheet HTML 1Page - Weitron Technology KTA1663 Datasheet HTML 2Page - Weitron Technology KTA1663 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ABSOLUTE MAXIMUM RATINGS (TA=25˚C)
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base Voltage
Symbol
Limits
Unit
Rating
Symbol
Parameter
Min
Typ
Max
Unit
ELECTRICAL CHARACTERISTICS(TA=25˚C unless otherwise noted)
Collector-Emitter Breakdown Voltage
IC=-10mA, IB=0
Collector-Base Breakdown Voltage
IC=-1mA, IE=0
Emitter-Base Breakdown Voltage
IE=-1mA, IC =0
Collector Cutoff Current
VCB=-30V, IE=0
ICBO
KTA1663
Tj
PD
WEITRON
http://www.weitron.com.tw
PNP Epitaxial Planar Transistors
-35
-30
-5.0
-1.5
0.5
Collector Power Dissipation
IC
˚C
˚C
W
Storage Temperature Range
Tstg
-55 to +150
-55 to +150
1
2
3
1. BASE
2. COLLECTOR
3. EMITTER
SOT-89
Collector Current
VCBO
VCEO
VEBO
A
V
V
V
BVEBO
BVCEO
BVCBO
-35
-30
-5
-
-
-
-
-
-0.1
-
-
-
V
V
V
µA
Collector Cutoff Current
VEB=-5V, IC=0
IEBO
-
-0.1
-
µA
Junction Temperature
1/3
14-Jul-06
Lead(Pb)-Free
P b


Similar Part No. - KTA1663

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1663 KEC-KTA1663 Datasheet
284Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
logo
Shenzhen Jin Yu Semicon...
KTA1663 HTSEMI-KTA1663 Datasheet
475Kb / 2P
TRANSISTOR (PNP)
logo
SHENZHEN YONGERJIA INDU...
KTA1663 WINNERJOIN-KTA1663 Datasheet
138Kb / 1P
TRANSISTOR (PNP)
logo
GUANGDONG HOTTECH INDUS...
KTA1663 HOTTECH-KTA1663 Datasheet
215Kb / 2P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
KTA1663 BILIN-KTA1663 Datasheet
181Kb / 4P
PNP Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - KTA1663

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA673 CDIL-CSA673 Datasheet
101Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Weitron Technology
2SB624 WEITRON-2SB624 Datasheet
214Kb / 4P
PNP Epitaxial Planar Transistors
2SB649 WEITRON-2SB649 Datasheet
272Kb / 5P
PNP Epitaxial Planar Transistors
2SB1188 WEITRON-2SB1188 Datasheet
128Kb / 5P
Epitaxial Planar PNP Transistors
2SB1424 WEITRON-2SB1424 Datasheet
254Kb / 4P
Epitaxial Planar PNP Transistors
WTM2907A WEITRON-WTM2907A Datasheet
469Kb / 4P
PNP Epitaxial Planar Transistors
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
Weitron Technology
2SB776 WEITRON-2SB776 Datasheet
199Kb / 5P
2SB776 PNP Epitaxial Planar Transistors, 2SD886 NPN Epitaxial Planar Transistors
WTP772 WEITRON-WTP772_08 Datasheet
485Kb / 5P
PNP Epitaxial Planar Transistors
logo
SeCoS Halbleitertechnol...
SZD772 SECOS-SZD772 Datasheet
659Kb / 3P
PNP Epitaxial Planar Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com