Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1663 Datasheet(PDF) 2 Page - Weitron Technology

Part # KTA1663
Description  PNP Epitaxial Planar Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

KTA1663 Datasheet(HTML) 2 Page - Weitron Technology

  KTA1663 Datasheet HTML 1Page - Weitron Technology KTA1663 Datasheet HTML 2Page - Weitron Technology KTA1663 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEITRON
http://www.weitron.com.tw
KTA1663
Transition Frequency
VCE=-5V, IC=-50mA
Output Capacitance
VCB=-10V, IE=0, f=1MHz
80
-
-
MHz
DYNAMIC CHARACTERISTICS
fT
-
-
50
pF
Cob
Marking
Range
Rank
O
Y
100-200
160-320
HO
HY
CLASSIFICATION OF hFE
ELECTRICAL CHARACTERISTICS (TA=25˚C Unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
VCE=-2V, IC=-500mA
VCE=-2V, IC=-500mA
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
IC=-1.5A, IB=-30mA
hFE
100
-
320
-
VCE(sat)
VBE(sat)
-
-
-0.2
V
-
-
-1.0
V
2/3
14-Jul-06



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com