Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL103C Datasheet(PDF) 2 Page - Weitron Technology

Part # LL103C
Description  Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

LL103C Datasheet(HTML) 2 Page - Weitron Technology

  LL103C Datasheet HTML 1Page - Weitron Technology LL103C Datasheet HTML 2Page - Weitron Technology LL103C Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings (TA=25°C Unless otherwise noted)
Characteristic
Pepetitive Peak Reverse Voltage
Symbol
VRRM
IFSM
LL103A
LL103B
LL103C
Unit
V
A
TJ
TSTG
+175
250
-65 to +175
Electrical Characteristics (TA=25°C Unless otherwise noted)
Characteristic
Symbol
Min
Tpy
Max
Unit
V
Reverse Recovery Time
IF= IR=200mA to 0.1mA IR
IR
VF
IF
PD
RθJA
A
m
W
m
°C
K/W
°C
Forward Voltage
IF = 20mA
IF = 200mA
CD
PF
WEITRON
http//www.weitron.com.tw
Forward Continuous Current, TA=25 °C
Power dissipation,TA=25°C
Repetitive peak forward current
tp ≤ 1s
Operating Temperature Range
Junction ambient
On PC board 50mm×50mm×1.6mm
30
40
1.0
350
400
20
LL103A
LL103B
LL103C
Diode capacitance
VR=VF=0, f=1MHz
Rverse Current
VR=30V
VR=20V
VR=10V
Trr
0.37
0.6
50
-
µA
nS
-
-
-
-
5.0
5.0
5.0
-
-
-
-
-
-
-
-
-
10
Strorage Temperature Range
LL103A/B/C
2/3
24-Feb-06



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com