Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL103C Datasheet(PDF) 3 Page - Weitron Technology

Part # LL103C
Description  Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

LL103C Datasheet(HTML) 3 Page - Weitron Technology

  LL103C Datasheet HTML 1Page - Weitron Technology LL103C Datasheet HTML 2Page - Weitron Technology LL103C Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LL103A/B/C
WEITRON
http//www.weitron.com.tw
Fig. 1 Forward Current vs. Forward Voltage
V F – Forward Voltage ( mV )
Fig. 2 Forward Current vs. Forward Voltage
0
1
2
3
4
5
0.0
0.5
1.0
1.5
VF – Forward Voltage ( V )
Fig. 3 Reverse Voltage vs. Junction Temperature
Fig. 4 Diode Capacitance vs. Reverse Voltage
Fig. 6 Reverse Current vs. Reverse Voltage
Tj – Junction Temperature (°C )
1
10
100
1
0.1
10
100
1000
0
10
20
30
40
50
VR –Reverse Voltage ( V )
0
10
20
30
40
50
VR –Reverse Voltage ( V )
Fig. 5 Forward Current vs. Pulse width
tp – Pulse width ( ms )
Typical Characteristics (TA = 25 °C unless otherwise specified)
3/3
24-Feb-06
1000
100
10
1
0.1
0.01
0
500
1000
0
100
200
0
10
20
30
40
50
0
10
20
30
40
50
0.001 0.01
0.1 1.0
10
100 1000
TA=125°C
IF=400mA
IF=200mA
IF=100mA
TA=100°C
TA=75°C
TA=50°C
TA=25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com