Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4448 Datasheet(PDF) 1 Page - Weitron Technology

Part # LL4448
Description  Surface Mount Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

LL4448 Datasheet(HTML) 1 Page - Weitron Technology

  LL4448 Datasheet HTML 1Page - Weitron Technology LL4448 Datasheet HTML 2Page - Weitron Technology LL4448 Datasheet HTML 3Page - Weitron Technology LL4448 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount Switching Diodes
MINI-MELF Outline Dimensions
*Silicon Epitaxial Planner Diode
*Fast Switching Diodes
*500 mW Power Dissipation
*Case : MINI-MELF Glass Case (SOD-80)
*Weight : Approx 0.05 gram
Mechanical Data:
Features:
WEITRON
http//www.weitron.com.tw
LL4148/LL4448
SMALL SIGNAL
SWITCHING DIODES
150 m AMPERES
100 VOLTS
MINI-MELF
Unit:mm
A
B
C
Dim
A
B
C
Min
3.30
1.30
0.28
Max
3.70
1.60
0.50
MINI MELF
Lead(Pb)-Free
P b


Similar Part No. - LL4448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4448 VISHAY-LL4448 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Zowie Technology Corpor...
LL4448 ZOWIE-LL4448 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4448 SEMTECH-LL4448 Datasheet
261Kb / 4P
Silicon Expitaxial Planar Diode?
logo
Shanghai Lunsure Electr...
LL4448 CHENYI-LL4448 Datasheet
170Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Diodes Incorporated
LL4448 DIODES-LL4448 Datasheet
57Kb / 2P
FAST SWITCHING SURFACE MOUNT DIODE
DS12013 Rev. F-2
More results

Similar Description - LL4448

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
SURFACE MOUNT SWITCHING DIODES
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAV16W PANJIT-BAV16W_09 Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56 PANJIT-BAW56_10 Datasheet
108Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56TB PANJIT-BAW56TB Datasheet
84Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56W PANJIT-BAW56W_09 Datasheet
99Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
Surface Mount Switching Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com