Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4448 Datasheet(PDF) 2 Page - Weitron Technology

Part # LL4448
Description  Surface Mount Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

LL4448 Datasheet(HTML) 2 Page - Weitron Technology

  LL4448 Datasheet HTML 1Page - Weitron Technology LL4448 Datasheet HTML 2Page - Weitron Technology LL4448 Datasheet HTML 3Page - Weitron Technology LL4448 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Maximum Ratings ( TA=25 C Unless otherwise noted)
Characteristic
Non-Repetitive Peak Voltage
Symbol
VRM
IFSM
θ
LL4148/ LL4448
Unit
V
V
TJ TSTG
-65 to +175
Electrical Characteristics ( TA=25 C Unless otherwise noted)
Characteristic
Symbol
V(BR)R
Min
Max
Unit
V
V
LL4148/LL4448
Reverse Recovery Time
Ω
IF=10 mA
IF=5 mA
IF=100 mA
VF
IR
IO
A
m
W
m
K/W
C
Forward Voltage
Cj
PF
WEITRON
http//www.weitron.com.tw
Reverse Breakdown Voltage
IR= 100ua
R JA
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Average Rectified Output Current (1)
Non-Repetitive Peak Forward Surge Current
Power Dissipation
Thermal Resistance Junction to Ambient
Operating and Strorage Temperature Range
VPWM
VRWM
VR
Pd
,
100
75
150
2.0
500
300
LL4148
LL4448
Junction Capacitance
Leakage Current
VR=20V
VR=75V
VR=75V, Tj=150 C
IF=10 mA, IR=1mA, VR=6V, RL=100
Trr
0.62
100
1.0
0.72
1.0
25
5
50
4
4
µA
nS
-
-
-
-
-
-
Note: 1.Valid Provided that device Terminals are Kept at Ambient Temperature.
@t=1.0us
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com