Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM Datasheet(PDF) 2 Page - C&K Components

Part # DM
Description  Miniature 2 Pole Power Rocker Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

DM Datasheet(HTML) 2 Page - C&K Components

  DM Datasheet HTML 1Page - C&K Components DM Datasheet HTML 2Page - C&K Components DM Datasheet HTML 3Page - C&K Components DM Datasheet HTML 4Page - C&K Components DM Datasheet HTML 5Page - C&K Components DM Datasheet HTML 6Page - C&K Components DM Datasheet HTML 7Page - C&K Components DM Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
G
G–67
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
15 May 20
DM Series
Miniature 2 Pole Power Rocker Switches
SWITCH FUNCTION
ACTUATOR
HOUSING STYLE/COLOR
.138
[3,51]
.390
[9,91]
.581
[14,76]
.080
[2,03]
1.308
[33,22]
.820
[20,83]
1.200
[30,48]
.080
[2,03]
.793
[20,14]
.590
[15]
.820
[20,83]
RATINGS: See page G-65 for complete ratings.
S2  SNAP-IN, BLACK
J1  ROCKER
B2  RECESSED SNAP-IN ACTUATOR GUARD, BLACK
ACTUATOR COLOR
ACTUATOR
NOTE: Actuator finish: matte. Other colors
available, consult Customer Service Center.
NOTE: Housing finish: matte. Other colors
available, consult Customer Service Center.
OPTION
CODE
ACTUATOR
COLOR
2
BLACK
1
WHITE
UL 61058-1 tested to 30C temperature rise @ 6,000 cycles.
.080
[2,03]
.350
[8,89]
.028 TYP
[0,71]
.793
[20,14]
.301 TYP
[7,65]
.820
[20,83]
.731
[18,57]
.590
[15]
.500
[12,7]
.220 TYP
[5,59]
.138
[3,51]
NOTES 1. ACTUATOR SHOWN IN POSITION 1-'ON' POSITION
PART NUMBER SHOWN: DM21J1XS205Q
DPST
DPDT
OPEN
1-1B, 2-2B
1-1A, 2-2A
1-1A, 2-2A
OFF
ON
ON
ON
3
10
3
10
DM22
DM62
DM21
DM61
DP
SCHEMATIC
CONNECTED TERMINALS
POS. 1POS. 2
SWITCH FUNCTION
POS. 1
POS. 2
AMP
RATING*
MODEL
NO.
NO.
POLES
DPDT
1
2
1A
2A
1A
1
1B
2A
2B
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com