Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM Datasheet(PDF) 5 Page - C&K Components

Part # DM
Description  Miniature 2 Pole Power Rocker Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

DM Datasheet(HTML) 5 Page - C&K Components

  DM Datasheet HTML 1Page - C&K Components DM Datasheet HTML 2Page - C&K Components DM Datasheet HTML 3Page - C&K Components DM Datasheet HTML 4Page - C&K Components DM Datasheet HTML 5Page - C&K Components DM Datasheet HTML 6Page - C&K Components DM Datasheet HTML 7Page - C&K Components DM Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
G–70
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
G
15 May 20
DM Series
Miniature Illuminated Power Rocker Switches
Features/Benefits
• 3 AMPS to 10 AMPS
• Illuminated LED
• Positive detent
• RoHS compliant
Typical Applications
• Instrumentation
• Industrial
• Office machines
Specifications
CONTACT RATING:
DM14 and DM24 Models:
GP (general purpose)
3 AMPS @ 125 V AC; 2 AMPS @ 250 V AC.
R (resistive)
3 AMPS 30 VDC 10,000 cycles
DM54 and DM64 Models:
GP (general purpose)
10 AMPS @ 125 V AC; 5 AMPS @ 250 V AC (UL).
R (resistive)
10 AMPS 30 VDC 10,000 cycles
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
INSULATION RESISTANCE: 109 Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
Materials
HOUSING: 6/6 nylon (UL94V-2), black.
ACTUATOR: 6/6 nylon (UL94V-2), black.
MOVABLE CONTACTS: DM14 and DM24 Models: Copper,
silver plated. DM54 and DM64 Models: Coin silver, silver plated.
STATIONARY CONTACTS & TERMINALS: Copper or brass,
silver plated.
LED TERMINALS: Brass, unplated.
CONTACT SPRING: Music wire or stainless steel.
OPERATING TEMPERATURE: -20ºC to +65ºC
NOTE: Any models supplied with Q contact material are RoHS compliant.
NOTE: Specification and materials listed above are for standard switches.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages G–70 and G–73. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
DM14 SPST, 3 AMP
DM24 DPST, 3 AMP
DM54 SPST, 10 AMP
DM64 DPST, 10 AMP
Actuator
J7 Rocker with colorless
LED window
Actuator Color
2 Black
1 White
Housing Style/Color
S2 Snap-in, black
G2 Actuator guard, black
Contact Material
Q Silver
Terminations
05 Quick connect
LED Color
3 Red
4 Amber
6 Green
UL 61058-1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com