Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF2 Datasheet(PDF) 3 Page - C&K Components

Part # TF2
Description  Mid Size Snap-acting Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TF2 Datasheet(HTML) 3 Page - C&K Components

  TF2 Datasheet HTML 1Page - C&K Components TF2 Datasheet HTML 2Page - C&K Components TF2 Datasheet HTML 3Page - C&K Components TF2 Datasheet HTML 4Page - C&K Components TF2 Datasheet HTML 5Page - C&K Components TF2 Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
J
J–90
Dimensions are shown: inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
TF2 Series
Mid Size Snap-acting Switches
ELECTRICAL RATING
MOUNTING STYLE
.114
[2,9]
.126
[3,2]
.114
[2,9]
NOTE: TORQUE MOUNTING SCREWS 2-5 IN/LBS.
TF2 SWITCH WITH TYPE 40 (.187 QC) TERMINALS
AND P00 ACTUATOR SHOWN
S STANDARD
For 4-40 screw size
• AVAILABLE
x NOT AVAILABLE
All models
Consult Customer Service center for availability and delivery of
nonstandard ratings.
* Low Level=conditions where no arcing occurs during switching, i.e.,
0.4 VA max. @ 20 V AC or DC max.
OPERATING FORCE
ELECTRICAL
AMPS
CC
CF
CG
CH
CJ
EC
EE
RATING
(REF.)
(18)
(45)
(75)
(110)
(170)
(230) (330)
F5
0.1
•
•
•
•
•
•
X
H8
6
X
•
•
•
•
•
•
K6
10
X
X
X
•
•
•
•
.122
[3,1]
.134
[3,4]
.122
[3,1]
NOTE: TORQUE MOUNTING SCREWS 2-5 IN/LBS.
TF2 SWITCH WITH TYPE 10 (SOLDER) TERMINALS
AND P00 ACTUATOR SHOWN
V Metric
For 3 mm screw size
Third Angle
Projection
4 Jul 22
Current Rating: First number
represents resistive rating; second
number represents inductive
(motor) rating.
10(3)
Cycles over 10,000 at rated current.
10E3
Cycles over 50,000 at rated current.
50E3
Maximum rated use temperature.
T__
Alternating current.
~
Microgap construction
(less than 3 mm).
µ
INTERNATIONAL RATING SYMBOLS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com