Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF2 Datasheet(PDF) 6 Page - C&K Components

Part # TF2
Description  Mid Size Snap-acting Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TF2 Datasheet(HTML) 6 Page - C&K Components

  TF2 Datasheet HTML 1Page - C&K Components TF2 Datasheet HTML 2Page - C&K Components TF2 Datasheet HTML 3Page - C&K Components TF2 Datasheet HTML 4Page - C&K Components TF2 Datasheet HTML 5Page - C&K Components TF2 Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
J
J–93
Dimensions are shown: inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
4 Jul 22
.629
[15,98]
REF
.187
[4,75]
.248
[6,3]
.452
[11,49]
.279
[7,09]
.055 TYP
[1,4]
.578
[14,69]
.350
[8,9]
.031 TYP
[0,8]
.098
[2,5]
.224
[5,7]
.098
[2,5]
.264
[6,7]
.406
[10,31]
26°
.031TYP
[0,8]
.248
[6,3]
.551
[14]
.629
[15,98]
REF
.236
[6]
.031 TYP
[0,8]
.295
[7,5]
.390
[9,9]
.098
[2,5]
TYP
.236
[6]
.020 TYP
[0,5]
.508
[12,9]
.165
[4,2]
.185
[4,7]
.126
[3,2]
.055
[1,4]
TF2 Series
Mid Size Snap-acting Switches
TERMINATIONS
40  .187” QUICK CONNECT
60  SCREW STYLE
4A  .250” QUICK CONNECT
CIRCUITRY
C SPDT (Single Pole, Double Throw)
W SPST N.C. (Single Pole, Single Throw, Normally Closed)
Y SPST N.O. (Single Pole, Single Throw, Normally Open)
10  SOLDER
5A  .250” OFF SET QUICK CONNECT
5B  .187” OFF SET QUICK CONNECT
.295
[7,5]
.390
[9,9]
.236
[6]
.031
[0,8]
4-40 X .125
(3,18)
SCREWS &
LOCKWASHERS
TYP.
.413
[10,49]
.248
[6,3]
.071 TYP
[1,8]
.098
[2,5]
.264
[6,7]
.629
[15,98]
REF
.350
[8,9]
.031 TYP
[0,8]
.578
[14,69]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com